Electronic Components Datasheet Search
  English  ▼

X  

LTC7138 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC7138
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7138 Datasheet(HTML) 3 Page - Linear Technology

  LTC7138 Datasheet HTML 1Page - Linear Technology LTC7138 Datasheet HTML 2Page - Linear Technology LTC7138 Datasheet HTML 3Page - Linear Technology LTC7138 Datasheet HTML 4Page - Linear Technology LTC7138 Datasheet HTML 5Page - Linear Technology LTC7138 Datasheet HTML 6Page - Linear Technology LTC7138 Datasheet HTML 7Page - Linear Technology LTC7138 Datasheet HTML 8Page - Linear Technology LTC7138 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LTC3895
3
3895fa
For more information www.linear.com/LTC3895
elecTrical characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Operating Voltage Range (Note 10) DRVUV = 0V
l
4
140
V
VOUT
Regulated Output Voltage Set Point
0.8
60
V
VFB
Regulated Feedback Voltage
(Note 4); ITH Voltage = 1.2V
0°C to 85°C, VPRG = FLOAT
VPRG = FLOAT
VPRG = 0V
VPRG = INTVCC
l
l
l
0.792
0.788
3.220
4.875
0.800
0.800
3.300
5.000
0.808
0.812
3.380
5.125
V
V
V
V
IFB
Feedback Current
(Note 4)
VPRG = FLOAT
VPRG = 0V or INTVCC
–0.006
4
±0.050
6
µA
µA
Reference Voltage Line Regulation
(Note 4) VIN = 4.5V to 150V
0.002
0.02
%/V
Output Voltage Load Regulation
(Note 4) Measured in Servo Loop,
∆ITH Voltage = 1.2V to 0.7V
l
0.01
0.1
%
(Note 4) Measured in Servo Loop,
∆ITH Voltage = 1.2V to 1.6V
l
–0.01
–0.1
%
gm
Transconductance Amplifier gm
(Note 4) ITH = 1.2V, Sink/Source 5µA
2.2
mmho
IQ
Input DC Supply Current
(Note 5) VDRVSET = 0V
Pulse Skip or Forced Continuous Mode VFB = 0.83V (No Load)
2.5
mA
Sleep Mode
VFB = 0.83V (No Load)
40
55
µA
Shutdown
RUN = 0V
10
20
µA
UVLO
Undervoltage Lockout
DRVCC Ramping Up
DRVUV = 0V
DRVUV = INTVCC, DRVSET = INTVCC
l
l
4.0
7.5
4.2
7.8
V
V
DRVCC Ramping Down
DRVUV = 0V
DRVUV = INTVCC, DRVSET = INTVCC
l
l
3.6
6.4
3.8
6.7
4.0
7.0
V
V
VRUN ON
RUN Pin ON Threshold
VRUN Rising
l
1.1
1.2
1.3
V
VRUN Hyst RUN Pin Hysteresis
80
mV
OVLO
Overvoltage Lockout Threshold
VOVLO Rising
l
1.1
1.2
1.3
V
OVLO Hyst OVLO Hysteresis
100
mV
OVLO Delay
1
µs
Feedback Overvoltage Protection
Measured at VFB, Relative to Regulated VFB
7
10
13
%
ISENSE+
SENSE+ Pin Current
±1
µA
ISENSE–
SENSE– Pin Current
SENSE– < VINTVCC – 0.5V
SENSE– > VINTVCC + 0.5V
850
±1
µA
µA
Maximum Duty Factor
In Dropout
CPUMP_EN = 0V, FREQ = 0V
CPUMP_EN = INTVCC
98
100
99
%
ISS
Soft-Start Charge Current
VSS = 0V
8
10
12
µA
VSENSE(MAX) Maximum Current Sense Threshold
VFB = 0.7V, VSENSE– = 3.3V
ILIM = FLOAT
ILIM = 0V
ILIM = INTVCC
l
l
l
66
43
90
75
50
100
84
57
109
mV
mV
mV
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2), VIN = 12V, VRUN = 5V, VEXTVCC = 0V, VDRVSET = 0V,
VPRG = FLOAT unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com