Electronic Components Datasheet Search
  English  ▼

X  

LTC3899 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3899
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3899 Datasheet(HTML) 2 Page - Linear Technology

  LTC3899 Datasheet HTML 1Page - Linear Technology LTC3899 Datasheet HTML 2Page - Linear Technology LTC3899 Datasheet HTML 3Page - Linear Technology LTC3899 Datasheet HTML 4Page - Linear Technology LTC3899 Datasheet HTML 5Page - Linear Technology LTC3899 Datasheet HTML 6Page - Linear Technology LTC3899 Datasheet HTML 7Page - Linear Technology LTC3899 Datasheet HTML 8Page - Linear Technology LTC3899 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LTC3895
2
3895fa
For more information www.linear.com/LTC3895
pin conFiguraTion
absoluTe MaxiMuM raTings
Input Supply Voltage (VIN)....................... –0.3V to 150V
Top Side Driver Voltage BOOST ............... –0.3V to 150V
Switch Voltage (SW)................................... –5V to 150V
DRVCC, (BOOST-SW) Voltages....................–0.3V to 11V
BG, TG ............................................................... (Note 8)
RUN Voltage............................................. –0.3V to 150V
SENSE+, SENSE– Voltages ......................... –0.3V to 65V
PLLIN, PGOOD Voltages .............................. –0.3V to 6V
MODE, DRVUV Voltages .............................. –0.3V to 6V
ILIM, VPRG, FREQ, PHASMD Voltages ........ –0.3V to 6V
DRVSET, CPUMP_EN Voltages..................... –0.3V to 6V
NDRV ................................................................. (Note 9)
EXTVCC Voltage ......................................... –0.3V to 14V
ITH, VFB Voltages......................................... –0.3V to 6V
SS, OVLO Voltages ...................................... –0.3V to 6V
Operating Junction Temperature Range (Notes 2, 3)
LTC3895E, LTC3895I ......................... –40°C to 125°C
LTC3895H.......................................... –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
TOP VIEW
FE PACKAGE
VARIATION: FE38(31)
38-LEAD PLASTIC TSSOP
38
37
36
34
32
30
28
26
24
22
21
20
39
GND
OVLO
VPRG
SENSE+
SENSE–
SS
VFB
ITH
MODE
GND
CPUMP_EN
CLKOUT
GND
PLLIN
PGOOD
GND
NC
FREQ
DRVSET
DRVUV
INTVCC
ILIM
PHASMD
RUN
EXTVCC
VIN
NDRV
DRVCC
BG
BOOST
SW
TG
TJMAX = 150°C, θJA = 28°C/W
EXPOSED PAD (PIN 39) IS GND, MUST BE
SOLDERED TO PCB FOR RATED ELECTRICAL AND
THERMAL CHARACTERISTICS
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3895EFE#PBF
LTC3895EFE#TRPBF
LTC3895FE
38-Lead Plastic TSSOP
–40°C to 125°C
LTC3895IFE#PBF
LTC3895IFE#TRPBF
LTC3895FE
38-Lead Plastic TSSOP
–40°C to 125°C
LTC3895HFE#PBF
LTC3895HFE#TRPBF
LTC3895FE
38-Lead Plastic TSSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LTC3895#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com