Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 4 Page - Linear Technology

  LTC3891 Datasheet HTML 1Page - Linear Technology LTC3891 Datasheet HTML 2Page - Linear Technology LTC3891 Datasheet HTML 3Page - Linear Technology LTC3891 Datasheet HTML 4Page - Linear Technology LTC3891 Datasheet HTML 5Page - Linear Technology LTC3891 Datasheet HTML 6Page - Linear Technology LTC3891 Datasheet HTML 7Page - Linear Technology LTC3891 Datasheet HTML 8Page - Linear Technology LTC3891 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
LTC3899
4
3899fa
For more information www.linear.com/LTC3899
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. (Note 2) VBIAS = 12V, VRUN1,2,3 = 5V, VEXTVCC = 0V, VDRVSET =
0V, VPRG3 = Float unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ
Input DC Supply Current
(Note 5), VDRVSET = 0V
Pulse-Skipping or Forced Continuous Mode
(One Channel On)
RUN1 = 5V and RUN2,3 = 0V or
RUN2 = 5V and RUN1,3 = 0V or
RUN3 = 5V and RUN1,2 = 0V,
VFB1,2 = 0.83V (No Load), VFB3 = 1.25V
1.6
1.6
0.8
mA
Pulse-Skipping or Forced Continuous Mode
(All Channels On)
RUN1,2,3 = 5V, VFB1,2 = 0.83V (No Load),
VFB3 = 1.25V
3
mA
Sleep Mode (One Channel On, Buck)
RUN1 = 5V and RUN2,3 = 0V or
RUN2 = 5V and RUN1,3 = 0V
VFB1,2 = 0.83V (No Load)
l
29
55
µA
Sleep Mode (One Channel On, Boost)
RUN3 = 5V and RUN1,2 = 0V, VFB3 = 1.25V
29
50
µA
Sleep Mode (Buck and Boost Channel On)
RUN1 = 5V and RUN2 = 0V or
RUN2 = 5V and RUN1 = 0V, RUN3 = 5V,
VFB1,2 = 0.83V (No Load), VFB3 = 1.25V
34
55
µA
Sleep Mode (All Three Channels On)
RUN1,2,3 = 5V, VFB1,2 = 0.83V (No Load),
VFB3 = 1.25V
39
60
µA
Shutdown
RUN1,2,3 = 0V
3.6
10
µA
UVLO
Undervoltage Lockout
DRVCC Ramping Up
DRVSET = 0V or RDRVSET ≤ 100kΩ
DRVSET = INTVCC
l
l
4.0
7.5
4.2
7.8
V
V
DRVCC Ramping Down
DRVSET = 0V or RDRVSET ≤ 100kΩ
DRVSET = INTVCC
l
l
3.6
6.4
3.8
6.7
4.0
7.0
V
V
VOVL1,2
Buck Feedback Overvoltage Protection
Measured at VFB1,2 Relative to Regulated VFB1,2
7
10
13
%
ISENSE1,2+
SENSE+ Pin Current
Bucks (Channels 1 and 2)
±1
µA
ISENSE3+
SENSE+ Pin Current
Boost (Channel 3)
170
µA
ISENSE1,2–
SENSE– Pins Current
Bucks (Channels 1 and 2)
VOUT1,2 < VINTVCC – 0.5V
VOUT1,2 > VINTVCC + 0.5V
700
±1
µA
µA
ISENSE3–
SENSE– Pin Current
Boost (Channel 3) VSENSE+, VSENSE– = 12V
±1
µA
DFMAX(TG)
Maximum Duty Factor for TG
Bucks (Channels 1,2) in Dropout, FREQ = 0V
Boost (Channel 3) in Overvoltage
97.5
99
100
%
%
DFMAX(BG)
Maximum Duty Factor for BG
Bucks (Channels 1,2) in Overvoltage
Boost (Channel 3)
100
96
%
%
ITRACK/SS1,2
Soft-Start Charge Current
VTRACK/SS1,2 = 0V
8
10
12
µA
ISS
Soft-Start Charge Current
VSS3 = 0V
8
10
12
µA
VRUN1,2,3 ON RUN Pin On Threshold
VRUN1, VRUN2, VRUN3 Rising
l
1.22
1.275
1.33
V
VRUN1,2,3 Hyst RUN Pin Hysteresis
75
mV
VSENSE(MAX)
Maximum Current Sense Threshold
VFB1,2 = 0.7V, VSENSE1,2– = 3.3V,
VFB3 = 1.1V, VSENSE3+ = 12V
l
65
75
85
mV
VSENSE(CM)
SENSE3 Pins Common Mode Range
(BOOST Converter Input Supply Voltage)
2.2
60
V
Gate Driver
TG1,2,3
Pull-Up On-Resistance
Pull-Down On-Resistance
VDRVSET = INTVCC
2.2
1.0
Ω
Ω
BG1,2,3
Pull-Up On-Resistance
Pull-Down On-Resistance
VDRVSET = INTVCC
2.2
1.0
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com