Electronic Components Datasheet Search
  English  ▼

X  

LTM8056 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8056
Description  Low IQ, 38V Synchronous BoostBuck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8056 Datasheet(HTML) 2 Page - Linear Technology

  LTM8056 Datasheet HTML 1Page - Linear Technology LTM8056 Datasheet HTML 2Page - Linear Technology LTM8056 Datasheet HTML 3Page - Linear Technology LTM8056 Datasheet HTML 4Page - Linear Technology LTM8056 Datasheet HTML 5Page - Linear Technology LTM8056 Datasheet HTML 6Page - Linear Technology LTM8056 Datasheet HTML 7Page - Linear Technology LTM8056 Datasheet HTML 8Page - Linear Technology LTM8056 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
LTC7812
2
7812fc
For more information www.linear.com/LTC7812
ABSOLUTE MAXIMUM RATINGS
Bias Input Supply Voltage (VBIAS).............. –0.3V to 40V
Buck Top Side Driver Voltage (BOOST1) .... –0.3V to 46V
Boost Top Side Driver Voltage (BOOST2).... –0.3V to 76V
Buck Switch Voltage (SW1) ......................... –5V to 40V
Boost Switch Voltage (SW2) ........................ –5V to 70V
INTVCC, (BOOST1–SW1),
(BOOST2–SW2) ...................................... –0.3V to 6V
RUN1, RUN2 ............................................... –0.3V to 8V
Maximum Current Sourced Into Pin
from Source >8V ..............................................100µA
BG1, BG2, TG1, TG2........................................... (Note 8)
SENSE1+, SENSE1– Voltages...................... –0.3V to 28V
SENSE2+, SENSE2– Voltages ..................... –0.3V to 40V
FREQ Voltage ........................................–0.3V to INTVCC
EXTVCC...................................................... –0.3V to 14V
ITH1, ITH2, VFB1, VFB2, Voltages .................... –0.3V to 6V
PLLIN/MODE, PGOOD1, OV2 Voltages ........ –0.3V to 6V
TRACK/SS1, SS2 Voltages .......................... –0.3V to 6V
Operating Junction Temperature Range (Notes 2, 3)
LTC7812E, LTC7812I.......................... –40°C to 125°C
LTC7812H .......................................... –40°C to 150°C
Storage Temperature Range .............. –65°C to 150°C
(Note 1)
32
33
PGND
31 30 29 28 27 26 25
9 10 11 12
TOP VIEW
UH PACKAGE
32-LEAD (5mm
× 5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
SW1
TG1
PGOOD1
TRACK/SS1
ITH1
VFB1
SENSE1+
SENSE1–
INTVCC
NC
OV2
SGND
SGND
RUN2
SGND
RUN1
TJMAX = 150°C, qJA = 44°C/W
EXPOSED PAD (PIN 33) IS PGND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC7812EUH#PBF
LTC7812EUH#TRPBF
7812
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 125°C
LTC7812IUH#PBF
LTC7812IUH#TRPBF
7812
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 125°C
LTC7812HUH#PBF
LTC7812HUH#TRPBF
7812
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LTC7812#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com