Electronic Components Datasheet Search
  English  ▼

X  

LTC7820 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC7820
Description  Hybrid Step-Down Synchronous Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7820 Datasheet(HTML) 2 Page - Linear Technology

  LTC7820 Datasheet HTML 1Page - Linear Technology LTC7820 Datasheet HTML 2Page - Linear Technology LTC7820 Datasheet HTML 3Page - Linear Technology LTC7820 Datasheet HTML 4Page - Linear Technology LTC7820 Datasheet HTML 5Page - Linear Technology LTC7820 Datasheet HTML 6Page - Linear Technology LTC7820 Datasheet HTML 7Page - Linear Technology LTC7820 Datasheet HTML 8Page - Linear Technology LTC7820 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC7821
2
Rev A
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN, VIN_SENSE) ....... –0.3V to 80V
Top Side Driver Voltages
BOOST1................................................. –0.3V to 86V
BOOST2, BOOST3.................................. –0.3V to 46V
Switch Voltages
SW1............................................................ 0V to 80V
SW3....................................................... –0.3V to 40V
MID, MID_SENSE....................................... –0.3V to 40V
(BOOST1-SW1), (BOOST2-MID),
(BOOST3-SW3)............................................ –0.3V to 6V
ISNS+, ISNS–................................................ –0.3V to 40V
(ISNS+ – ISNS–) .......................................................±0.6V
EXTVCC...................................................... –0.3V to 40V
TEMP, FREQ, EXT_REF, VFB ..................–0.3V to INTVCC
HYS_PRGM, ITH, RUN, TRACK/SS .......–0.3V to INTVCC
FAULT, PGOOD ........................................... –0.3V to 80V
TIMER, MODE/PLLIN............................–0.3V to INTVCC
INTVCC Peak Output Current................................100mA
Operating Junction Temperature Range
(Notes 2, 3, 9).................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
32
33
SGND
31 30 29 28 27 26 25
9 10 11 12
TOP VIEW
UH PACKAGE
32-LEAD (5mm × 5mm) PLASTIC QFN
TJMAX = 125°C, θJA = 44°C/W, θJC = 7.3°C/W
EXPOSED PAD (PIN 33) IS GND, MUST BE SOLDERED TO PCB
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
MODE/PLLIN
CLKOUT
RUN
FAULT
PGOOD
TIMER
TRACK/SS
EXT_REF
BG1
BOOST2
BOOST3
TG2
SW3
INTVCC
BG2
PGND
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC7821EUH#PBF
LTC7821EUH#TRPBF
7821
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 125°C
LTC7821IUH#PBF
LTC7821IUH#TRPBF
7821
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
ORDER INFORMATION http://www.linear.com/product/LTC7821#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com