Electronic Components Datasheet Search
  English  ▼

X  

LTC3859AL Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3859AL
Description  Low IQ, 38V Synchronous BoostBuck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3859AL Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3859AL Datasheet HTML 12Page - Linear Technology LTC3859AL Datasheet HTML 13Page - Linear Technology LTC3859AL Datasheet HTML 14Page - Linear Technology LTC3859AL Datasheet HTML 15Page - Linear Technology LTC3859AL Datasheet HTML 16Page - Linear Technology LTC3859AL Datasheet HTML 17Page - Linear Technology LTC3859AL Datasheet HTML 18Page - Linear Technology LTC3859AL Datasheet HTML 19Page - Linear Technology LTC3859AL Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
LTC7812
16
7812fc
For more information www.linear.com/LTC7812
OPERATION
the TRACK/SS pin is less than the 0.8V internal reference
for the buck and the 1.2V internal reference for the boost,
the LTC7812 regulates the VFB voltage to the TRACK/SS
pinvoltageinsteadofthecorrespondingreferencevoltage.
ThisallowstheTRACK/SSpintobeusedtoprogramasoft-
start by connecting an external capacitor from the TRACK/
SS pin to SGND. An internal 5µA pull-up current charges
this capacitor creating a voltage ramp on the TRACK/SS
pin. As the TRACK/SS voltage rises linearly from 0V to
0.8V/1.2V (and beyond up to INTVCC), the output voltage
VOUT rises smoothly from zero to its final value.
Alternatively the TRACK/SS pin for buck channel 1 can be
used to cause the start-up of VOUT to track that of another
supply. Typically, this requires connecting to the TRACK/
SS pin an external resistor divider from the other supply to
ground (see the Applications Information section).
Light Load Current Operation (Burst Mode Operation,
Pulse-Skipping, or Forced Continuous Conduction)
(PLLIN/MODE Pin)
The LTC7812 can be enabled to enter high efficiency Burst
Modeoperation,constantfrequencypulse-skippingmode
or forced continuous conduction mode at low load cur-
rents.ToselectBurstModeoperation,tiethePLLIN/MODE
pin to ground. To select forced continuous operation, tie
the PLLIN/MODE pin to INTVCC. To select pulse-skipping
mode, tie the PLLIN/MODE pin to a DC voltage greater
than 1.2V and less than INTVCC – 1.3V.
When a controller is enabled for Burst Mode operation, the
minimum peak current in the inductor is set to approxi-
mately 25% of the maximum sense voltage (30% for the
boost) even though the voltage on the ITH pin indicates a
lower value. If the average inductor current is higher than
the load current, the error amplifier EA will decrease the
voltage on the ITH pin. When the ITH voltage drops below
0.425V, the internal sleep signal goes high (enabling sleep
mode) and both external MOSFETs are turned off. The ITH
pin is then disconnected from the output of the EA and
parked at 0.450V.
In sleep mode, much of the internal circuitry is turned off,
reducing the quiescent current that the LTC7812 draws. If
the buck channel 1 is in sleep mode and the boost channel
2 is shut down, the LTC7812 draws only 28µA of quies-
cent current. If both channels are in sleep mode, it draws
only 33µA of quiescent current. In sleep mode, the load
current is supplied by the output capacitor. As the output
voltage decreases, the EA’s output begins to rise. When the
output voltage drops enough, the ITH pin is reconnected
to the output of the EA, the sleep signal goes low, and the
controller resumes normal operation by turning on the top
externalMOSFETonthenextcycleoftheinternaloscillator.
When a controller is enabled for Burst Mode operation,
the inductor current is not allowed to reverse. The reverse
current comparator (IR) turns off the bottom external
MOSFET (the top external MOSFET for the boost) just
before the inductor current reaches zero, preventing it
from reversing and going negative. Thus, the controller
operates in discontinuous operation.
In forced continuous operation or when clocked by an
external clock source to use the phase-locked loop (see
the Frequency Selection and Phase-Locked Loop section),
the inductor current is allowed to reverse at light loads or
under large transient conditions. The peak inductor cur-
rent is determined by the voltage on the ITH pin, just as
in normal operation. In this mode, the efficiency at light
loads is lower than in Burst Mode operation. However,
continuous operation has the advantage of lower output
voltage ripple and less interference to audio circuitry. In
forced continuous mode, the output ripple is independent
of load current.
WhenthePLLIN/MODEpinisconnectedforpulse-skipping
mode, the LTC7812 operates in PWM pulse-skipping
mode at light loads. In this mode, constant frequency
operation is maintained down to approximately 1% of
designed maximum output current. At very light loads, the
current comparator ICMP may remain tripped for several
cycles and force the external top MOSFET to stay off for
the same number of cycles (i.e., skipping pulses). The
inductor current is not allowed to reverse (discontinuous
operation). This mode, like forced continuous operation,
exhibits low output ripple as well as low audio noise and
reduced RF interference as compared to Burst Mode
operation. It provides higher low current efficiency than
forced continuous mode, but not nearly as high as Burst
Mode operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com