Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3891
Description  Low IQ, 60V Synchronous BoostBuck Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 4 Page - Linear Technology

  LTC3891 Datasheet HTML 1Page - Linear Technology LTC3891 Datasheet HTML 2Page - Linear Technology LTC3891 Datasheet HTML 3Page - Linear Technology LTC3891 Datasheet HTML 4Page - Linear Technology LTC3891 Datasheet HTML 5Page - Linear Technology LTC3891 Datasheet HTML 6Page - Linear Technology LTC3891 Datasheet HTML 7Page - Linear Technology LTC3891 Datasheet HTML 8Page - Linear Technology LTC3891 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
LTC7813
4
7813f
For more information www.linear.com/LTC7813
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. (Note 2) VBIAS = 12V, VRUN1,2 = 5V, VEXTVCC = 0V, VDRVSET = 0V,
VPRG2 = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Duty Factor for TG
Buck (Channel 1) in Dropout, FREQ = 0V
Boost (Channel 2)
97.5
99
100
%
%
Maximum Duty Factor for BG
Buck (Channel 1) in Overvoltage
Boost (Channel 2)
100
96
%
%
ITRACK/SS1
Soft-Start Charge Current
VTRACK/SS1 = 0V
8
10
12
µA
ISS2
Soft-Start Charge Current
VSS2 = 0V
8
10
12
µA
VRUN1,2 ON
RUN Pin On Threshold
VRUN1, VRUN2 Rising
l
1.22
1.275
1.33
V
RUN Pin Hysteresis
75
mV
VSENSE1,2(MAX) Maximum Current Sense Threshold
ILIM = Float
ILIM = 0V
ILIM = INTVCC
l
l
l
65
43
90
75
50
100
85
58
109
mV
mV
mV
Gate Driver
TG1,2
Pull-Up On-Resistance
Pull-Down On-Resistance
VDRVSET = INTVCC
2.2
1.0
Ω
Ω
BG1,2
Pull-Up On-Resistance
Pull-Down On-Resistance
VDRVSET = INTVCC
2.2
1.0
Ω
Ω
BOOST1,2 to DRVCC Switch On-Resistance VSW1,2 = 0V, VDRVSET = INTVCC
3.7
Ω
TG Transition Time:
Rise Time
Fall Time
(Note 6) VDRVSET = INTVCC
CLOAD = 3300pF
CLOAD = 3300pF
25
15
ns
ns
BG Transition Time:
Rise Time
Fall Time
(Note 6) VDRVSET = INTVCC
CLOAD = 3300pF
CLOAD = 3300pF
25
15
ns
ns
Top Gate Off to Bottom Gate On Delay
Synchronous Switch-On Delay Time
CLOAD = 3300pF Each Driver, VDRVSET = INTVCC
Buck (Channel 1)
Boost (Channel 2)
55
85
ns
ns
Bottom Gate Off to Top Gate On Delay
Top Switch-On Delay Time
CLOAD = 3300pF Each Driver, VDRVSET = INTVCC
Buck (Channel 1)
Boost (Channel 2)
50
80
ns
ns
tON(MIN)1
Buck Minimum On-Time
(Note 7) VDRVSET = INTVCC
80
ns
tON(MIN)2
Boost Minimum On-Time
(Note 7) VDRVSET = INTVCC
120
ns
DRVCC Linear Regulator
DRVCC Voltage from Internal VBIAS LDO
VEXTVCC = 0V
7V < VBIAS < 60V, DRVSET = 0V
11V < VBIAS < 60V, DRVSET = INTVCC
5.8
9.6
6.0
10.0
6.2
10.4
V
V
DRVCC Load Regulation from VBIAS LDO
ICC = 0mA to 50mA, VEXTVCC = 0V
0.9
2.0
%
DRVCC Voltage from Internal EXTVCC LDO
7V < VEXTVCC < 13V, DRVSET = 0V
11V < VEXTVCC < 13V, DRVSET = INTVCC
5.8
9.6
6.0
10.0
6.2
10.4
V
V
DRVCC Load Regulation from Internal
EXTVCC LDO
ICC = 0mA to 50mA, VEXTVCC = 8.5V,
VDRVSET = 0V
0.7
2.0
%
EXTVCC LDO Switchover Voltage
EXTVCC Ramping Positive
DRVSET = 0V or RDRVSET ≤ 100kΩ
DRVSET = INTVCC
4.5
7.4
4.7
7.7
4.9
8.0
V
V
EXTVCC Hysteresis
250
mV
Programmable DRVCC
RDRVSET = 50kΩ, VEXTVCC = 0V
5.0
V
Programmable DRVCC
RDRVSET = 70kΩ, VEXTVCC = 0V
6.4
7.0
7.6
V
Programmable DRVCC
RDRVSET = 90kΩ, VEXTVCC = 0V
9.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com