Electronic Components Datasheet Search
  English  ▼

X  

LTC4442 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4442
Description  Fixed Ratio High Power Inductorless (Charge Pump) DC/DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4442 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4442 Datasheet HTML 18Page - Linear Technology LTC4442 Datasheet HTML 19Page - Linear Technology LTC4442 Datasheet HTML 20Page - Linear Technology LTC4442 Datasheet HTML 21Page - Linear Technology LTC4442 Datasheet HTML 22Page - Linear Technology LTC4442 Datasheet HTML 23Page - Linear Technology LTC4442 Datasheet HTML 24Page - Linear Technology LTC4442 Datasheet HTML 25Page - Linear Technology LTC4442 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTC7820
22
7820fc
For more information www.linear.com/LTC7820
TYPICAL APPLICATIONS
Figure 8. High Efficiency 24V to 48V, 7.5A Voltage Doubler with Disconnect FET at Input
0.47µF
12V
10k
100k
10k
68k
4.7µF
10
M4
BSC032N04LS
RSENSE
0.005
D3
CMHZ5236B
MDISCONNECT
SUD50N04-8M8P
10µF
50V
×6
1µF
M3
BSC032N04LS
M2
BSC032N04LS
M1
BSC100N06LS
DB3
CMDSH-4
1µF
DB2
CMDSH-4
0.1µF
DB1
CMDSH-4
0.1µF
0.1µF
10
100
0.1µF
CFLY
10µF
50V
×16
10µF
×6
0.22µF
R19
10k
R20
10k
VCC
VHIGH_SENSE
UV
HYS_PRGM
PGOOD
FREQ
FAULT
FAULT
GND
INTVCC
G3
G4
INTVCC
TIMER
G2
LTC7820
BOOST3
SW3
VLOW_SENSE
VLOW
BOOST2
BOOST2
BOOST1
SW1
G1
INTVCC
EXTVCC
RUN
ISENSE+
ISENSE–
BOOST2
24V
VOUT
48V
7.5A
VIN
0.1µF
7820 F08
10µF
×4
33µF
80V
36m
+
100µF
35V
28m
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com