Electronic Components Datasheet Search
  English  ▼

X  

LTC3892 Datasheet(PDF) 39 Page - Linear Technology

Part # LTC3892
Description  Low IQ, 60V Synchronous BoostBuck Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3892 Datasheet(HTML) 39 Page - Linear Technology

Back Button LTC3892 Datasheet HTML 34Page - Linear Technology LTC3892 Datasheet HTML 35Page - Linear Technology LTC3892 Datasheet HTML 36Page - Linear Technology LTC3892 Datasheet HTML 37Page - Linear Technology LTC3892 Datasheet HTML 38Page - Linear Technology LTC3892 Datasheet HTML 39Page - Linear Technology LTC3892 Datasheet HTML 40Page - Linear Technology LTC3892 Datasheet HTML 41Page - Linear Technology LTC3892 Datasheet HTML 42Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
LTC7813
39
7813f
For more information www.linear.com/LTC7813
Typical applicaTions
Figure 14. High Efficiency 12V to 60V VIN to 24V/5A and 3.3V/8A DC/DC Regulator
C8
0.1µF
C19
4.7µF
CIN1
33µF
CIN2,3,4
2.2µF
6m
RSENSE2
C1
1000pF
MBOT2
MTOP2
COUT4,5,6,7,8,9
2.2µF
COUT10
33µF
MTOP1
MBOT1
8m
RSENSE1
RB1
215k
RA1
68.1k
RB2
232k
RA2
12.1k
COUT1,2
47µF
COUT3
220µF
SENSE2–
SENSE2–
BG2
SW2
BOOST2
TG2
INTVCC
GND
VFB2
VBIAS
TG1
BOOST1
SW1
BG1
EXTVCC
SENSE1+
SENSE1–
VFB1
VOUT1
3.3V
8A
VIN
12V TO 60V
RUN1
VIN
RUN2
ITH1
ITH2
TRACK/SS1
SS2
FREQ
PLLIN/MODE
ILIM
DRVUV
DRVSET
DRVCC
*VOUT2 = 24V WHEN VIN < 24V
VOUT2 FOLLOWS VIN WHEN VIN > 24V
LTC7813
VPRG2
VOUT2
24V*
5A
MTOP1: INFINEON BSC057N08NS3
MBOT1: INFINEON BSC036NE7NS3
MTOP2, MBOT2: INFINEON BSC042NE7NS3
L1: WÜRTH 744325240
L2: WÜRTH 7443551370
CIN1, COUT10: SUNCON 63HVP33M
COUT3: SANYO 6TPB220ML
CSS2
0.1µF
CSS1
0.1µF
C15
220pF
C14
1500pF
C13
100pF
C16
4.7nF
R7
4.3k
R6
10k
CB2
0.1µF
L2
15µH
L1
22µH
CB1
0.1µF
7813 F14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com