Electronic Components Datasheet Search
  English  ▼

X  

LTC3886 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3886
Description  Hybrid Step-Down Synchronous Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3886 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3886 Datasheet HTML 9Page - Linear Technology LTC3886 Datasheet HTML 10Page - Linear Technology LTC3886 Datasheet HTML 11Page - Linear Technology LTC3886 Datasheet HTML 12Page - Linear Technology LTC3886 Datasheet HTML 13Page - Linear Technology LTC3886 Datasheet HTML 14Page - Linear Technology LTC3886 Datasheet HTML 15Page - Linear Technology LTC3886 Datasheet HTML 16Page - Linear Technology LTC3886 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LTC7821
13
Rev A
For more information www.analog.com
OPERATION
current at which ICMP resets the RS latch is controlled by
the voltage on the ITH pin, which is the output of the error
amplifier EA. The VFB pin receives the voltage feedback
signal, which is compared to the internal reference voltage
by the EA. When the load current increases, it causes a
slight decrease in VFB relative to the 0.8V reference, which
in turn causes the ITH voltage to increase until the aver-
age inductor current matches the new load current. After
MOSFETs M1 and M3 have turned OFF, MOSFETs M2 and
M4 are turned ON until either the inductor current starts
to reverse, as indicated by the reverse current comparator
IREV, or the beginning of the next cycle.
During the switching of M1/M3 and M2/M4, capacitor
CFLY is alternately connected in series with or parallel to
CMID. The voltage at MID will be approximately at VIN/2.
INTVCC/EXTVCC Power
Power for the bootstrap drivers and bottom MOSFET and
mostinternalcircuitryisderivedfromtheINTVCCpin.When
the EXTVCC pin is grounded or tied to a voltage less than
7V,aninternal5.8VlinearregulatorsuppliesINTVCCpower
from VIN. If EXTVCC is taken above 7V, this linear regula-
tor is turned OFF and another 5.8V linear regulator turns
ON to provide the INTVCC power from EXTVCC. Using the
EXTVCC pin allows the INTVCC power to be derived from
a high efficiency external source, resulting in an overall
increase in system efficiency.
Bootstrap Capacitor Refresh
Each of the three uppermost MOSFET drivers is biased
from its respective floating bootstrap capacitor, CB1 to
CB3, which are refreshed during switching through a
charge pump configuration consisting of diodes D1 to
D3 and the external MOSFETs.
During the charge balancing phase or light load condition
when switching may stop for extended amount of time,
the voltage across the bootstrap capacitor may decrease
sufficiently that the gate drive voltage is not optimal. Un-
dervoltage detectors monitor the voltage across each of
the bootstrap capacitors. When any of them goes below
3V, an internal current source of 1mA will be turned ON
to charge that bootstrap capacitor through the upper plate
of the capacitor. A 1mA sinking source that is connected
to the bottom plate of the bootstrap capacitor will also be
turned ON to sink away this current. This ensures a net
zero residual current at the bottom plate capacitor node,
hence avoiding any impact on the bias condition of that
node. When CB1 and CB2/CB3 reach 4.3V and 4.47V
respectively, the refreshing stops. When CB2 and CB3
need to be refreshed, all switching stops.
Shutdown and Start-Up (RUN and TRACK/SS Pins)
WhentheRUNpinisbelow1.3V,theINTVCClinearregulator
along with all the internal circuitry that is powered from
this supply, is disabled. The main control loop will also
be disabled. Releasing the RUN pin will allow the internal
1μA current source to pull this pin up, thus enabling the
part. The RUN pin can also be driven directly by logic but
ensure that this voltage does not exceed the Absolute
Maximum Rating of 6V.
The slew rate of the output voltage VOUT can be controlled
by the voltage on the TRACK/SS pin. When the voltage
on the TRACK/SS is less than the internal reference of
0.8V (or EXT_REF if this feature is invoked), the LTC7821
regulates the VFB voltage to the TRACK/SS voltage instead
of to the reference. This allows the TRACK/SS pin to be
used to program the soft-start period by connecting an
external capacitor from the TRACK/SS pin to SGND. An
internal 10μA pull-up current charges this capacitor, creat-
ing a voltage ramp on the TRACK/SS pin. As the TRACK/
SS voltage rises linearly from 0V to the reference voltage
(and beyond), the output voltage VOUT rises smoothly
from zero to the final value. Alternatively, the TRACK/SS
pin can be used to cause the start-up of VOUT to track that
of another supply. Typically this requires connecting to the
TRACK/SS pin an external resistor divider from the other
supply to ground (see Application Information section).
Light Load Current Operation (Burst Mode Operation,
Pulse-Skipping Mode, or Continuous Conduction)
The LTC7821 can be enabled to enter high efficiency Burst
Modeoperation,constant-frequencypulse-skippingmode,
or forced continuous conduction mode. To select forced
continuous operation, tie the MODE/PLLIN pin to a DC
voltage below 0.6V (e.g., SGND). To select pulse-skipping
mode of operation, tie the MODE/PLLIN pin to INTVCC. To
select Burst Mode operation, float the MODE/PLLIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com