Electronic Components Datasheet Search
  English  ▼

X  

LTM4650A Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4650A
Description  Fixed Ratio High Power Inductorless (Charge Pump) DC/DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4650A Datasheet(HTML) 1 Page - Linear Technology

  LTM4650A Datasheet HTML 1Page - Linear Technology LTM4650A Datasheet HTML 2Page - Linear Technology LTM4650A Datasheet HTML 3Page - Linear Technology LTM4650A Datasheet HTML 4Page - Linear Technology LTM4650A Datasheet HTML 5Page - Linear Technology LTM4650A Datasheet HTML 6Page - Linear Technology LTM4650A Datasheet HTML 7Page - Linear Technology LTM4650A Datasheet HTML 8Page - Linear Technology LTM4650A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC7820
1
7820fc
For more information www.linear.com/LTC7820
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Fixed Ratio High Power
Inductorless (Charge Pump)
DC/DC Controller
The LTC®7820 is a fixed ratio high voltage high power
switched capacitor/charge pump controller. The device
includes four N-channel MOSFET gate drivers to drive
external power MOSFETs in voltage divider, doubler or
inverter configurations. The device achieves a 2:1 step-
down ratio from an input voltage as high as 72V, a 1:2
step-up ratio from an input voltage as high as 36V, or a
1:1 inverting ratio from an input voltage up to 36V. Each
power MOSFET is switched with 50% duty cycle at a
constant pre-programmed switching frequency. System
efficiency can be optimized to over 99%. The LTC7820
provides a small and cost effective solution for high
power, non-isolated intermediate bus applications with
fault protection.
The LTC7820 switching frequency can be linearly
programmedfrom100kHzto1MHz.Thedeviceisavailable
in a thermally enhanced 28-lead QFN package with some
no-connect pins for high voltage compatible pin spacing.
Efficiency and Power Loss
vs Load Current
APPLICATIONS
n
Low Profile, High Power Density, Capable of 500W+
n
Soft Switching: 99% Peak Efficiency and Low EMI
n
VIN Max for Voltage Divider (2:1): 72V
n
VIN Max for Voltage Doubler (1:2)/Inverter (1:1): 36V
n
Wide Bias VCC Range: 6V to 72V
n
Soft Startup into Steady State Operation
n
6.5V to 40V EXTVCC Input for Improved Efficiency
n
Input Current Sensing and Overcurrent Protection
n
Wide Operating Frequency Range: 100kHz to 1MHz
n
Output Short-Circuit/OV/UV Protections with
Programmable Timer and Retry
n
Thermally Enhanced 28-Pin 4mm × 5mm QFN Package
n
Bus Converters
n
High Power Distributed Power Systems
n
Communications Systems
n
Industrial Applications
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patents, including 9484799.
Very High Efficiency 5A Voltage Divider
0.1µF
10k
10k
10k
40k
4.7µF
10
10µF
7820 TA01a
1µF
1µF
0.1µF
0.1µF
0.1µF
10
100
0.1µF
12V
10µF
×6
10k
VCC
VHIGH_SENSE
UV
HYS_PRGM
PGOOD
FREQ
FAULT
GND
INTVCC
G3
G4
INTVCC
TIMER
G2
LTC7820
BOOST3
SW3
VLOW_SENSE
VLOW
BOOST2
BOOST1
SW1
G1
INTVCC
EXTVCC
RUN
ISENSE+
ISENSE–
VIN
48V/24V
VOUT
24V/12V
5A*
* LOAD CURRENT APPLIED
AFTER STARTUP
RSENSE
0.005
EFFICIENCY
POWER LOSS
fs = 100kHz
LOAD CURRENT (A)
0
1
2
3
4
5
95
96
97
98
99
100
0
0.4
0.8
1.2
1.6
2.0
VIN = 48V
VOUT = 24V
VIN = 24V
VOUT = 12V
7820 TA01b


Similar Part No. - LTM4650A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4650A LINER-LTM4650A Datasheet
695Kb / 34P
25A DC/DC Step-Down 關Module Regulator
LTM4650A LINER-LTM4650A Datasheet
2Mb / 38P
Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
logo
Analog Devices
LTM4650A AD-LTM4650A Datasheet
6Mb / 138P
30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
LTM4650A AD-LTM4650A Datasheet
1Mb / 36P
Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
01/20-REV.B
LTM4650A AD-LTM4650A Datasheet
2Mb / 28P
60V, 300W Hybrid Step-Down Module Bus Converter
Rev. 0
More results

Similar Description - LTM4650A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
CHARGE PUMP DC-TO-DC CONVERTER
TC962 TELCOM-TC962 Datasheet
74Kb / 5P
HIGH CURRENT CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC962 MICROCHIP-TC962 Datasheet
434Kb / 12P
High Current Charge Pump DC-to-DC Converter
2002
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
REGULATED CHARGE PUMP DC/DC CONVERTERS
V1.0
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_06 Datasheet
468Kb / 12P
High Current Charge Pump DC-to-DC Converter
2006
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
REGULATED CHARGE PUMP DC/DC CONVERTERS
3.0
logo
Microchip Technology
TC962 MICROCHIP-TC962_13 Datasheet
398Kb / 14P
High Current Charge Pump DC-to-DC Converter
11/29/12
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
Charge Pump DC-to-DC Converter
11/29/12
logo
Linear Technology
LTC7820EUFD LINER-LTC7820EUFD Datasheet
528Kb / 10P
High Efficiency, Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com