Electronic Components Datasheet Search
  English  ▼

X  

L6225D Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6225D
Description  DUAL DMOS FULL BRIDGE MOTOR DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6225D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6225D Datasheet HTML 2Page - STMicroelectronics L6225D Datasheet HTML 3Page - STMicroelectronics L6225D Datasheet HTML 4Page - STMicroelectronics L6225D Datasheet HTML 5Page - STMicroelectronics L6225D Datasheet HTML 6Page - STMicroelectronics L6225D Datasheet HTML 7Page - STMicroelectronics L6225D Datasheet HTML 8Page - STMicroelectronics L6225D Datasheet HTML 9Page - STMicroelectronics L6225D Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6/10
L6225
Figure 1. Switching rates definition
CIRCUIT DESCRIPTION
The L6225 is a dual full bridge IC designed to drive DC or stepper motors and other inductive loads. Each bridge has
4 power DMOS transistors with a typical RDS(ON) of 0.3 Ohm. Any of the 4 half bridges can be controlled indepen-
dently by means of the 4 TTL/CMOS compati ble inputs IN1A,IN2A, IN1B, IN2B, and 2 enable ENA, ENB .
External connectio ns are provided so that sensing resistor can be added for constant current chopping applicatio n.
A non dissipative current sensing on the supply rails of the high side power DMOSs of each bridge, an internal
reference and an internal open drain, with a pull down capability of 4mA (typical value), will pull to GND the EN-
ABLE pin of the bridge under fault conditions, turning OFF all the four PowerDMOSs. This ensures a protection
against short circuit to GND and between two phases of each of the two independent full bridges. By using an
external R-C on the EN pins, the off time before recovering normal operation conditions after a fault can be
easily programmed, by means of the accurate threshold of the logic inputs. Note that protection against short
to the supply rail is typically provided by the external current control circuitry. The trip point of this protection is
set at 2.8A (typ value).
50 %
90 %
10 %
En or IN
IOUT
tD(OFF) tOFF
tD(ON) t(ON)
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com