Electronic Components Datasheet Search
  English  ▼

X  

MAX2136A Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2136A
Description  Global Automotive TV Tuner
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2136A Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2136A Datasheet HTML 1Page - Maxim Integrated Products MAX2136A Datasheet HTML 2Page - Maxim Integrated Products MAX2136A Datasheet HTML 3Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
 
MAX2136A
Global Automotive TV Tuner
Global Automotive TV Tuner Optimized for Lower Power and High
Performance, Especially at Maximum Signal Levels
NDA Required. Request Full Data Sheet
 
Description
The MAX2136A is a low-power global automotive TV tuner. It directly converts a variety of
broadcast signals including 3-13 segment ISDB-T, 6/7/8MHz DVB-T/T2, T-DMB/DAB, CTTB,
CMMB, and ATSC/ATSC-MH to a low-IF using a broadband I/Q downconverter. The operating
frequency range covers the VHF and UHF broadcast TV bands from 44MHz to 891MHz.
The MAX2136A integrates LNAs, RF variable-gain amplifiers (VGAs), VHF and UHF tracking
filters, I/Q downconverting mixers, baseband VGAs, and baseband filters. The VGAs typically
provide in excess of 120dB of control range. The device also includes fully monolithic VCOs and
tank circuits, as well as a complete frequency synthesizer with an on-chip crystal oscillator and
output buffer/divider.
The device incorporates a 2-wire (I²C) serial control interface with multiple read and write
addresses.
A low-power standby mode is available whereupon the signal path is shut down while leaving
the serial control interface and crystal oscillator circuits active. For further power savings, the
crystal oscillator can be disabled by placing the device in shutdown mode using the external
shutdown pin.
The MAX2136A is available in a 32-pin TQFN package (5mm x 5mm) with an exposed pad.
Electrical performance is guaranteed over the extended -40°C to +85°C temperature range.


Similar Part No. - MAX2136A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX213 MAXIM-MAX213 Datasheet
580Kb / 20P
5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
MAX213 MAXIM-MAX213 Datasheet
184Kb / 8P
Broadband, Two-Output, Low-Noise Amplifier for TV Tuner Applications
19-1806; Rev 1; 8/03
MAX213 MAXIM-MAX213 Datasheet
395Kb / 36P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
logo
Texas Instruments
MAX213 TI-MAX213 Datasheet
224Kb / 14P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Maxim Integrated Produc...
MAX213 MAXIM-MAX213 Datasheet
2Mb / 23P
5V, RS-232 Transceivers with 0.1關F External Capacitors
Rev 7; 12/05
More results

Similar Description - MAX2136A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM5610 PHILIPS-OM5610 Datasheet
80Kb / 16P
Matchbox global FM tuner
1997 Apr 25
logo
Sanyo Semicon Device
LA7911 SANYO-LA7911 Datasheet
70Kb / 3P
TV Tuner Controller
logo
Texas Instruments
SN761681 TI-SN761681 Datasheet
878Kb / 20P
TV TUNER IC
SN761685 TI-SN761685 Datasheet
271Kb / 14P
TV TUNER IC
SN761683B TI-SN761683B Datasheet
402Kb / 20P
TV TUNER IC
SN761678B TI-SN761678B Datasheet
435Kb / 20P
TV TUNER IC
SN761678 TI1-SN761678 Datasheet
331Kb / 20P
TV/VCR TUNER
SN761678 TI1-SN761678_14 Datasheet
334Kb / 21P
TV/VCR TUNER
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
TV TUNER IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com