Electronic Components Datasheet Search
  English  ▼

X  

LT3045-1 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3045-1
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045-1 Datasheet(HTML) 1 Page - Linear Technology

  LT3045-1 Datasheet HTML 1Page - Linear Technology LT3045-1 Datasheet HTML 2Page - Linear Technology LT3045-1 Datasheet HTML 3Page - Linear Technology LT3045-1 Datasheet HTML 4Page - Linear Technology LT3045-1 Datasheet HTML 5Page - Linear Technology LT3045-1 Datasheet HTML 6Page - Linear Technology LT3045-1 Datasheet HTML 7Page - Linear Technology LT3045-1 Datasheet HTML 8Page - Linear Technology LT3045-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LT3045-1
1
30451fa
For more information www.linear.com/LT3045-1
TYPICAL APPLICATION
FEATURES
DESCRIPTION
20V, 500mA, Ultralow Noise,
Ultrahigh PSRR Linear Regulator with VIOC Control
The LT®3045-1 is a high performance low dropout linear
regulatorfeaturingLTC’sultralownoiseandultrahighPSRR
architectureforpoweringnoisesensitiveapplications.De-
signed as a precision current reference followed by a high
performance voltage buffer, the LT3045-1 can be easily
paralleled to further reduce noise, increase output current
and spread heat on the PCB. In addition to the LT3045
feature set, the LT3045-1 incorporates a VIOC tracking
function to control an upstream switching converter to
maintain a constant voltage across the LT3045-1 and
hence minimize power dissipation.
The device supplies 500mA at a typical 260mV dropout
voltage. Operating quiescent current is nominally 2.3mA
and drops to <<1µA in shutdown. The LT3045-1’s wide
output voltage range (0V to 15V) while maintaining unity-
gain operation provides virtually constant output noise,
PSRR, bandwidth and load regulation, independent of the
programmed output voltage. Additionally, the regulator
features programmable current limit, fast start-up capa-
bility and programmable power good to indicate output
voltage regulation.
The LT3045-1 is stable with a minimum 10µF ceramic
output capacitor. Built-in protection includes reverse-
battery protection, reverse-current protection, internal
currentlimitwithfoldbackandthermallimitwithhysteresis.
The LT3045-1 is available in thermally enhanced 12-Lead
MSOP and 3mm × 3mm DFN packages.
Noise Spectral Density
APPLICATIONS
n
Ultralow RMS Noise: 0.8µVRMS (10Hz to 100kHz)
n
Ultralow Spot Noise: 2nV/√Hz at 10kHz
n
Ultrahigh PSRR: 76dB at 1MHz
n
Output Current: 500mA
n
Wide Input Voltage Range: 1.8V to 20V
n
Single Capacitor Improves Noise and PSRR
n
100µA SET Pin Current: ±1% Initial Accuracy
n
VIOC Pin Controls Upstream Regulator to Minimize
Power Dissipation
n
Single Resistor Programs Output Voltage
n
Programmable Current Limit
n
Low Dropout Voltage: 260mV
n
Output Voltage Range: 0V to 15V
n
Programmable Power Good
n
Fast Start-Up Capability
n
Precision Enable/UVLO
n
Parallelable for Lower Noise and Higher Current
n
Internal Current Limit with Foldback
n
Minimum Output Capacitor: 10µF Ceramic
n
Reverse-Battery and Reverse-Current Protection
n
12-Lead MSOP and 3mm × 3mm DFN Packages
n
RF Power Supplies: PLLs, VCOs, Mixers, LNAs, PAs
n
Very Low Noise Instrumentation
n
High Speed/High Precision Data Converters
n
Medical Applications: Imaging, Diagnostics
n
Post-Regulator for Switching Supplies
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Analog
Devices, Inc. Patents pending. All other trademarks are the property of their respective owners.
LDOIN = 4.3V
LDOOUT = 3.3V
ILOAD = 500mA
LDOOUT
LDOIN
Noise Floor
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0.01
0.1
1
10
100
1000
30451 TA01b
100µA
IN
EN/UV
PGFB
VIOC
GND
OUT
LT3045-1
ILIM
PG
10µF
47µF
VIN
12V
4.7µF
VOUT: VARIABLE
IOUT(MAX): 500mA
30451 TA01a
249
SET
OUTS
LT8608
BST
SW
PG
FB
IN
EN/UV
TR/SS
MODE
RT
INTVCC
7.68k
40.2k
2.2µH
2.21k
GND
10nF
1µF
0.22µF
fSW = 1MHz
L: XFL4020-222MEC
VLDOIN – VLDOUT = 1V


Similar Part No. - LT3045-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT3045-1 AD-LT3045-1 Datasheet
3Mb / 45P
Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
LT3045-1 AD-LT3045-1 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
More results

Similar Description - LT3045-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3042 LINER-LT3042_15 Datasheet
900Kb / 30P
20V, 200mA, Ultralow Noise, Ultrahigh PSRR RF Linear Regulator
logo
ACE Technology Co., LTD...
ACE519C ACE-ACE519C Datasheet
638Kb / 9P
500mA High PSRR, Linear Regulator
VER 1.2
logo
Linear Technology
LT3042EDD LINER-LT3042EDD Datasheet
577Kb / 8P
20V, 200mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator
LT3045EDD LINER-LT3045EDD Datasheet
1Mb / 8P
20V, 500mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator
LT3045EDD-1 LINER-LT3045EDD-1 Datasheet
273Kb / 8P
20V, 500mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator with VIOC
LT3045 LINER-LT3045 Datasheet
2Mb / 32P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
logo
Analog Devices
LT3093 AD-LT3093 Datasheet
4Mb / 32P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
LT3094 AD-LT3094 Datasheet
2Mb / 34P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
01/19-REV.A
LT3041 AD-LT3041 Datasheet
2Mb / 36P
20 V, 1 A, Ultra-Low Noise, Ultra-High PSRR Linear Regulator with VIOC Control
Rev. 0
LTM8080 AD-LTM8080 Datasheet
2Mb / 28P
40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com