Electronic Components Datasheet Search
  English  ▼

X  

LT3065 Datasheet(PDF) 12 Page - Linear Technology

Part # LT3065
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3065 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT3065 Datasheet HTML 8Page - Linear Technology LT3065 Datasheet HTML 9Page - Linear Technology LT3065 Datasheet HTML 10Page - Linear Technology LT3065 Datasheet HTML 11Page - Linear Technology LT3065 Datasheet HTML 12Page - Linear Technology LT3065 Datasheet HTML 13Page - Linear Technology LT3065 Datasheet HTML 14Page - Linear Technology LT3065 Datasheet HTML 15Page - Linear Technology LT3065 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
LT3045-1
12
30451fa
For more information www.linear.com/LT3045-1
TYPICAL PERFORMANCE CHARACTERISTICS
Start-Up Time with and
without Fast Start-Up Circuitry for
Large CSET
Input Supply Ramp-Up and
Ramp-Down
Line Transient Response
TJ = 25°C, unless otherwise noted.
VIN = 4.5V TO 5V
RSET = 33.2k
COUT = 10µF
CSET = 0.47µF
IL = 500mA
5µs/DIV
INPUT
VOLTAGE
500mV/DIV
OUTPUT
VOLTAGE
1mV/DIV
30451 G55
VIN = 5V
RSET = 33.2k
COUT = 10µF
CSET = 4.7µF
RL = 6.6Ω
500mV/DIV
2V/DIV
OUTPUT WITH
FAST START–UP
(SET AT 90%)
OUTPUT WITHOUT
FAST START–UP
PULSE EN/UV
100ms/DIV
30451 G56
INPUT VOLTAGE
OUTPUT VOLTAGE
VIN = 0V TO 5V
VEN/UV = VIN
RSET = 33.2k
COUT = 10µF
CSET = 0.47µF
RL = 6.6Ω
50ms/DIV
2V/DIV
30451 G57
VIOC Voltage
VIOC Voltage
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
30451 G58
VIN = 4.3V
VOUT = 3.3V
IVIOC = 100µA
IOUT = 1mA
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
–20
30451 G60
VIN = 4.3V
VOUT = 3.3V
VVIOC = 2V
IOUT = 1mA
VIOC SOURCE CURRENT (µA)
0
25
50
75 100 125 150 175 200
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
30451 G59
150°C
125°C
25°C
–55°C
VIN = 4.3V
VOUT = 3.3V
IOUT = 1mA
OUTPUT LOAD CURRENT (mA)
0 50 100 150 200 250 300 350 400 450 500
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
30451 G61
150°C
125°C
25°C
–55°C
VIN = 4.3V
VOUT = 3.3V
IVIOC = 100µA
VIOC Voltage
VIOC Sink Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com