Electronic Components Datasheet Search
  English  ▼

X  

LT3089 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3089
Description  800mA Single Resistor Rugged Linear Regulator with Monitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3089 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3089 Datasheet HTML 7Page - Linear Technology LT3089 Datasheet HTML 8Page - Linear Technology LT3089 Datasheet HTML 9Page - Linear Technology LT3089 Datasheet HTML 10Page - Linear Technology LT3089 Datasheet HTML 11Page - Linear Technology LT3089 Datasheet HTML 12Page - Linear Technology LT3089 Datasheet HTML 13Page - Linear Technology LT3089 Datasheet HTML 14Page - Linear Technology LT3089 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LT3089
11
3089f
For more information www.linear.com/LT3089
APPLICATIONS INFORMATION
Table 1 lists many common output voltages and the clos-
est standard 1% resistor values used to generate that
output voltage.
Regulation of the output voltage requires a minimum load
current of 3mA. For true zero voltage output operation,
return this 3mA load current to a negative output voltage.
Table 1. 1% Resistors for Common Output Voltages
VOUT (V)
RSET (kΩ)
1
20
1.2
24.3
1.5
30.1
1.8
35.7
2.5
49.9
3.3
66.5
5
100
Withthe50µAcurrentsourceusedtogeneratethereference
voltage, leakage paths to or from the SET pin can create
errors in the reference and output voltages. High quality
insulation should be used (e.g., Teflon, Kel-F); cleaning of
all insulating surfaces to remove fluxes and other residues
is required. Surface coating may be necessary to provide
a moisture barrier in high humidity environments.
Minimize board leakage by encircling the SET pin and
circuitry with a guard ring operated at a potential close
to itself. Tie the guard ring to the OUT pin. Guarding both
sidesofthecircuitboardisrequired.Bulkleakagereduction
depends on the guard ring width. 50nA of leakage into or
out of the SET pin and its associated circuitry creates a
0.1% reference voltage error. Leakages of this magnitude,
coupled with other sources of leakage, can cause signifi-
cant offset voltage and reference drift, especially over the
possible operating temperature range. Figure 2 depicts an
example guard ring layout.
If guard ring techniques are used, this bootstraps any
stray capacitance at the SET pin. Since the SET pin is
a high impedance node, unwanted signals may couple
into the SET pin and cause erratic behavior. This will
be most noticeable when operating with minimum
output capacitors at full load current. The easiest way
to remedy this is to bypass the SET pin with a small
amount of capacitance from SET to ground, 10pF to
20pF is sufficient.
Configuring the LT3089 as a Current Source
Setting the LT3089 to operate as a 2-terminal current
sourceisasimplematter.The50µAreferencecurrentfrom
the SET pin is used with one resistor to generate a small
voltage, usually in the range of 100mV to 1V (200mV is a
level that rejects offset voltage, line regulation, and other
errors without being excessively large). This voltage is
then applied across a second resistor that connect from
OUT to the first resistor. Figure 3 shows connections and
formulas to calculate a basic current source configuration.
3089 F02
SET PIN
GND
OUT
Figure 2. Guard Ring Layout Example of DF Package
Figure 3. Using the LT3089 as a Current Source
IOUT ≥ 3mA
VSET = 50µA •RSET
IOUT =
VSET
ROUT
=
50µA •RSET
ROUT
IN
SET
OUT
+
–
LT3089
50µA
IOUT
VSET
RSET
3089 F03
+
–
ROUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com