Electronic Components Datasheet Search
  English  ▼

X  

LT1964 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1964
Description  45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1964 Datasheet(HTML) 5 Page - Linear Technology

  LT1964 Datasheet HTML 1Page - Linear Technology LT1964 Datasheet HTML 2Page - Linear Technology LT1964 Datasheet HTML 3Page - Linear Technology LT1964 Datasheet HTML 4Page - Linear Technology LT1964 Datasheet HTML 5Page - Linear Technology LT1964 Datasheet HTML 6Page - Linear Technology LT1964 Datasheet HTML 7Page - Linear Technology LT1964 Datasheet HTML 8Page - Linear Technology LT1964 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LT3065 Series
5
3065fc
For more information www.linear.com/LT3065
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 3).
SHDN Pin Current (Note 11)
VSHDN = 0V, VIN = 45V
VSHDN = 45V, VIN = 45V
l
l
0.5
±1
3
µA
µA
Ripple Rejection
VIN – VOUT = 2V, VRIPPLE = 0.5VP-P,
fRIPPLE = 120Hz, ILOAD = 500mA
LT3065-1.2
LT3065-1.5
LT3065-1.8
LT3065-2.5
LT3065-3.3
LT3065-5
LT3065
63
63
59
57
56
55
70
78
78
74
72
71
70
85
dB
dB
dB
dB
dB
dB
dB
Input Reverse Leakage Current
VIN = –45V, VOUT = 0
l
300
µA
Reverse Output Current (Note 12)
VOUT = 1.2V, VIN = VSHDN = 0
0
10
µA
Internal Current Limit (Note 4)
VIN = 2.2V, VOUT = 0, VIMAX = 0
VIN = 2.2V, ΔVOUT = –5%
l
520
900
mA
mA
External Programmed Current Limit
(Notes 7, 13)
5.6V < VIN < 10V, VOUT = 95% of VOUT (Nominal), RIMAX = 1.5k
5.6V < VIN < 7V, VOUT = 95% of VOUT (Nominal), RIMAX = 604Ω
l
l
180
445
200
495
220
545
mA
mA
PWRGD Logic Low Voltage
Pull-Up Current = 50µA
l
0.07
0.25
V
PWRGD Leakage Current
VPWRGD = 45V
0.01
1
µA
PWRGD Trip Point
% of Nominal Output Voltage, Output Rising
l
86
90
94
%
PWRGD Trip Point Hysteresis
% of Nominal Output Voltage
1.6
%
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Absolute maximum input-to-output differential voltage is not
achievable with all combinations of rated IN pin and OUT pin voltages.
With IN at 50V, do not pull OUT below 0V. The total differential voltage
from IN to OUT must not exceed +50V, –40V. If OUT is pulled above IN
and GND, the OUT to IN differential voltage must not exceed 40V.
Note 3: The LT3065 regulator is tested and specified under pulse
load conditions such that TJ ≅ TA. The LT3065E regulators are 100%
tested at TA = 25°C and performance is guaranteed from 0°C to 125°C.
Performance at –40°C to 125°C is assured by design, characterization and
correlation with statistical process controls. The LT3065I regulators are
guaranteed over the full –40°C to 125°C operating junction temperature
range. The LT3065MP regulators are 100% tested over the –55°C to
150°C operating junction temperature range. The LT3065H regulators are
100% tested at the 150°C operating junction temperature. High junction
temperatures degrade operating lifetimes. Operating lifetime is derated at
junction temperatures greater than 125°C.
Note 4: The LT3065 adjustable version is tested and specified for these
conditions with the ADJ pin connected to the OUT pin.
Note 5: Maximum junction temperature limits operating conditions.
Regulated output voltage specifications do not apply for all possible
combinations of input voltage and output current. If operating at the
maximum input voltage, limit the output current range. If operating at
the maximum output current, limit the input voltage range. Current limit
foldback limits the maximum output current as a function of input-to-
output voltage. See Current Limit vs VIN – VOUT in the Typical Performance
Characteristics section.
Note 6: Dropout voltage is the minimum IN-to-OUT differential voltage
needed to maintain regulation at a specified output current. In dropout,
the output voltage equals (VIN – VDROPOUT). For some output voltages,
minimum input voltage requirements limit dropout voltage.
Note 7: To satisfy minimum input voltage requirements, the LT3065 is
tested and specified for these conditions with an external resistor divider
(60.4k bottom, 442k top) which sets VOUT to 5V. The divider adds 10uA of
output DC load. This external current is not factored into GND pin current.
Note 8: GND pin current is tested with VIN = VOUT(NOMINAL) + 0.6V and a
current source load. GND pin current increases in dropout. See GND pin
current curves in the Typical Performance Characteristics section.
Note 9: To satisfy requirements for minimum input voltage, current limit is
tested at VIN = VOUT(NOMINAL) + 1V or VIN = 2.2V, whichever is greater.
Note 10: ADJ pin bias current flows out of the ADJ pin.
Note 11: SHDN pin current flows into the SHDN pin.
Note 12: Reverse output current is tested with the IN pin grounded and the
OUT pin forced to the specified voltage. This current flows into the OUT
pin and out of the GND pin.
Note 13: Current limit varies inversely with the external resistor value tied
from the IMAX pin to GND. For detailed information on selecting the IMAX
resistor value, see the Operation section. If the externally programmed
current limit feature is unused, tie the IMAX pin to GND. The internal
current limit circuitry implements short-circuit protection as specified.
Note 14: This IC includes over temperature protection that protects the
device during overload conditions. Junction temperature exceeds 125°C
(LT3065E, LT3065I) or 150°C (LT3065MP, LT3065H) when the over
temperature circuitry is active. Continuous operation above the specified
maximum junction temperature may impair device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com