Electronic Components Datasheet Search
  English  ▼

X  

LT3055 Datasheet(PDF) 18 Page - Linear Technology

Part # LT3055
Description  45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3055 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT3055 Datasheet HTML 14Page - Linear Technology LT3055 Datasheet HTML 15Page - Linear Technology LT3055 Datasheet HTML 16Page - Linear Technology LT3055 Datasheet HTML 17Page - Linear Technology LT3055 Datasheet HTML 18Page - Linear Technology LT3055 Datasheet HTML 19Page - Linear Technology LT3055 Datasheet HTML 20Page - Linear Technology LT3055 Datasheet HTML 21Page - Linear Technology LT3055 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LT3065 Series
18
3065fc
For more information www.linear.com/LT3065
applicaTions inForMaTion
Figure 8. Noise Resulting from Tapping On a Ceramic Capacitor
VOUT
1mV/DIV
10ms/DIV
3065 F08
VOUT = 5V
COUT = 10µF
CREF/BYP = 10nF
Voltage and temperature coefficients are not the only
sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates
voltageacrossitsterminalsduetomechanicalstress,simi-
lar to the way a piezoelectric accelerometer or microphone
works. For a ceramic capacitor, the stress is induced by
vibrationsinthesystemorthermaltransients.Theresulting
voltages produced cause appreciable amounts of noise.
A ceramic capacitor produced the trace in Figure 8 in
response to light tapping from a pencil. Similar vibration
induced behavior can masquerade as increased output
voltage noise.
Stability and Input Capacitance
Low ESR, ceramic input bypass capacitors are acceptable
for applications without long input leads. However, appli-
cations connecting a power supply to an LT3065 circuit’s
IN and GND pins with long input wires combined with a
low ESR, ceramic input capacitors are prone to voltage
spikes, reliability concerns and application-specific board
oscillations.
The input wire inductance found in many battery-powered
applications, combined with the low ESR ceramic input
capacitor, forms a high Q LC resonant tank circuit. In
some instances this resonant frequency beats against the
output current dependent LDO bandwidth and interferes
with proper operation. Simple circuit modifications/solu-
tions are then required. This behavior is not indicative of
LT3065 instability, but is a common ceramic input bypass
capacitor application issue.
The self-inductance, or isolated inductance, of a wire is
directly proportional to its length. Wire diameter is not a
major factor on its self-inductance. For example, the self-
inductance of a 2-AWG isolated wire (diameter = 0.26") is
about half the self-inductance of a 30-AWG wire (diameter
= 0.01"). One foot of 30-AWG wire has approximately
465nH of self-inductance.
Twomethodscanreducewireself-inductance.Onemethod
divides the current flowing towards the LT3065 between
two parallel conductors. In this case, the farther apart the
wires are from each other, the more the self-inductance is
reduced; up to a 50% reduction when placed a few inches
apart. Splitting the wires connects two equal inductors in
parallel,butplacingthemincloseproximitycreatesmutual
inductance adding to the self-inductance. The second and
most effective way to reduce overall inductance is to place
both forward and return current conductors (the input
and GND wires) in very close proximity. Two 30-AWG
wires separated by only 0.02", used as forward and return
current conductors, reduce the overall self-inductance
to approximately one-fifth that of a single isolated wire.
Ifabattery,mountedincloseproximity,powerstheLT3065,
a 10µF input capacitor suffices for stability. However, if a
distant supply powers the LT3065, use a larger value input
capacitor. Use a rough guideline of 1µF (in addition to the
10µF minimum) per 8 inches of wire length. The minimum
input capacitance needed to stabilize the application also
varies with power supply output impedance variations.
Placing additional capacitance on the LT3065’s output
also helps. However, this requires an order of magnitude
more capacitance in comparison with additional LT3065
inputbypassing.Seriesresistancebetweenthesupplyand
the LT3065 input also helps stabilize the application; as
little as 0.1Ω to 0.5Ω suffices. This impedance dampens
the LC tank circuit at the expense of dropout voltage. A
better alternative is to use higher ESR tantalum or elec-
trolytic capacitors at the LT3065 input in place of ceramic
capacitors.
IMAX Pin Operation
The IMAX pin is the collector of a PNP that sources a cur-
rent equal to 1/500th of output load current (see Block
Diagram). The IMAX pin is also the input to the precision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com