Electronic Components Datasheet Search
  English  ▼

X  

LT3080 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3080
Description  Dual-Channel Low Noise Bias Generators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3080 Datasheet HTML 10Page - Linear Technology LT3080 Datasheet HTML 11Page - Linear Technology LT3080 Datasheet HTML 12Page - Linear Technology LT3080 Datasheet HTML 13Page - Linear Technology LT3080 Datasheet HTML 14Page - Linear Technology LT3080 Datasheet HTML 15Page - Linear Technology LT3080 Datasheet HTML 16Page - Linear Technology LT3080 Datasheet HTML 17Page - Linear Technology LT3080 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
LT3095
14
3095fa
For more information www.linear.com/LT3095
APPLICATIONS INFORMATION
Capacitance degradation under DC bias can be dramatic.
In some cases, the effective value of a capacitor may be
less than 20% of the nominal value, even at voltages well
below the nominal voltage rating of the component. Dif-
ferent dielectric materials have different sensitivities to
DC bias, with X5R and X7R offering good performance.
Package size also has a large influence on the effective
capacitanceachievedathighervoltages.Ingeneral,capaci-
tors in physically larger packages suffer less degradation
under DC bias than capacitors of the same voltage rating
in a smaller size. Figure 2 shows typical bias curves for
three X5R capacitors with nominal values of 10µF, all rated
for 25V, but in different package sizes.
The effective values of some ceramic capacitors can
also degrade significantly with temperature, as Figure 3
demonstrates. Of the common dielectric types, X5R and
X7R offer relatively stable capacitance over a wide tem-
perature range. Both are widely available in a variety of
sizes and values.
TEMPERATURE (°C)
–50
–100
–80
25
0
–25
50
75
100
3095 F03
0
20
40
–60
–40
Y5V
–20
125
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10µF
X5R
Figure 3. Capacitance De-Rating with Temperature
In the case of the linear regulator output capacitor, the
regulator can show ringing or degraded ripple rejection
if the effective capacitance is more than 20% below the
recommended minimum of 2.2µF. The recommended
minimum value for CBSTOUT — the output capacitor for
the boost converter — is 10µF; however, lower effective
values may be tolerable in certain applications. At high
duty cycles, for example, the linearized transconductance
of the current control loop is reduced, and less output
capacitance is required to achieve the same unity gain
frequency. When using a boost output capacitor with ef-
fective capacitance below 8µF, verify the loop dynamics
experimentally or with an AC model to ensure adequate
loop stability in realistic operating conditions.
Programming the Switching Frequency
The LT3095’s two switching regulator channels run out of
phase to reduce input current ripple amplitude. An internal
oscillatorgeneratesapreciseclockthatcanbeprogrammed
from 450kHz to 2MHz by connecting an external resistor
from the RT pin to ground. Table 2 lists the closest 1%
resistor values for a few common frequencies. Refer to the
Typical Performance section for a plot of clock frequency
as a function of RT.
Table 2. SW Frequency vs RT Value
fOSC (MHz)
RT (kΩ)
0.45
232
0.50
210
0.75
137
1.00
100
1.50
63.4
2.00
44.2
Alternatively, an external frequency source can be used to
synchronize the switching edges to a system clock using
the SYNC pin. The voltage and duty-cycle requirements
for the logic level SYNC signal are listed in the Electrical
Characteristics table. When using the SYNC pin to set the
frequency, connect a resistor to the RT pin as if program-
ming the oscillator to the SYNC frequency. Use a resistor
with 1% tolerance to insure appropriate scaling of internal
control signals. The LT3095 will sense a pulsed signal on
the SYNC pin and override the oscillator to align the switch
edges with the external clock.
When using the internal oscillator, each channel will run
at the programmed switching frequency, fOSC, and the
power switches will turn on 180º out-of-phase. If SYNC
functionality is used, each channel will run at the SYNC
pulse frequency: one power switch will turn on at the ris-
ing edge of the SYNC input, and the other power switch
at the falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com