Electronic Components Datasheet Search
  English  ▼

X  

LT1965 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1965
Description  800mA Single Resistor Rugged Linear Regulator with Monitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1965 Datasheet(HTML) 1 Page - Linear Technology

  LT1965 Datasheet HTML 1Page - Linear Technology LT1965 Datasheet HTML 2Page - Linear Technology LT1965 Datasheet HTML 3Page - Linear Technology LT1965 Datasheet HTML 4Page - Linear Technology LT1965 Datasheet HTML 5Page - Linear Technology LT1965 Datasheet HTML 6Page - Linear Technology LT1965 Datasheet HTML 7Page - Linear Technology LT1965 Datasheet HTML 8Page - Linear Technology LT1965 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LT3089
1
3089f
For more information www.linear.com/LT3089
TYPICAL APPLICATION
FEATURES
DESCRIPTION
800mA Single Resistor
Rugged Linear Regulator
with Monitors
The LT®3089 is an 800mA low dropout linear regulator
designed for ruggedindustrialapplications.Keyfeaturesof
the IC are the extended safe operating area (SOA), output
current monitor, temperature monitor and programmable
current limit. The LT3089 can be paralleled for higher
output current or heat spreading. The device withstands
reverseinputandreverseoutput-to-inputvoltageswithout
reverse current flow.
The LT3089’s precision 50µA reference current source
allows a single resistor to program output voltage to
any level between zero and 34.5V. The current reference
architecture enables load regulation to be independent of
output voltage. The LT3089 is stable with or without input
and output capacitors.
The output current monitor (IOUT/5000) and die junction
temperature output (1µA/°C) provide system monitor-
ing and debug capability. In addition, a single resistor
programs current limit.
Internal protection circuitry includes reverse-battery and
reverse-currentprotection,currentlimitingandthermallim-
iting.TheLT3089isofferedinthe12-lead4mm×4mmDFN
and 16-lead TSSOP (both with exposed pad for improved
thermal performance), and 7-lead DD-Pak power package.
Wide Safe Operating Area Supply
APPLICATIONS
n
Extended Safe Operating Area
n
Maximum Output Current: 800mA
n
Stable with or without Input/Output Capacitors
n
Wide Input Voltage Range: 1.2V to 36V
n
Single Resistor Sets Output Voltage
n
Output Current Monitor: IMON = IOUT/5000
n
Junction Temperature Monitor: 1µA/°C
n
Output Adjustable to 0V
n
50µA SET Pin Current: 1% Initial Accuracy
n
Output Voltage Noise: 27µVRMS
n
Parallel Multiple Devices for Higher Current or
Heat Spreading
n
Programmable Current Limit
n
Reverse-Battery and Reverse-Current Protection
n
<1mV Load Regulation Typical Independent of VOUT
n
<0.001%/V Line Regulation Typical
n
Available in Thermally-Enhanced 12-Lead 4mm ×
4mm DFN, 16-Lead TSSOP, and 7-Lead DD-Pak
n
All Surface Mount Power Supply
n
Rugged Industrial Power Supply
n
Post Regulator for Switching Supplies
n
Low Output Voltage Supply
n
Intrinsic Safety Applications
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
SET Pin Current
3089 TA01a
IN
1k
4.12k
10µF*
*OPTIONAL
IMON
ILIM
OUT
+
–
LT3089
ILOAD/5000
IOUT
1.5V
0.75A
VIN
499*
1k
1µA/°C
SET
30.1k
TEMP
50µA
ILOAD = 3mA
TEMPERATURE (°C)
–75 –50 –25 0 25 50 75 100 125 150 175
49.5
49.6
49.7
49.8
49.9
50.0
50.1
50.2
50.3
50.4
50.5
3089 TA01b


Similar Part No. - LT1965

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1965 LINER-LT1965 Datasheet
208Kb / 16P
1.1A, Low Noise, Low Dropout Linear Regulator
LT1965 LINER-LT1965 Datasheet
264Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
LT1965 LINER-LT1965 Datasheet
382Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT1965 LINER-LT1965 Datasheet
543Kb / 20P
1.5A, Low Noise, Negative Linear Regulator
LT1965 LINER-LT1965 Datasheet
370Kb / 28P
1.5A Low Noise Fast Transient Response LDO Regulators
More results

Similar Description - LT1965

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT3081 LINEAR_DIMENSIONS-LT3081 Datasheet
1Mb / 28P
1.5A Single Resistor Rugged Linear Regulator with Monitors
logo
Linear Technology
LT3081 LINER-LT3081_15 Datasheet
469Kb / 32P
1.5A Single Resistor Rugged Linear Regulator with Monitors
LT3088 LINER-LT3088_15 Datasheet
710Kb / 26P
800mA Single Resistor Rugged Linear Regulator
logo
Linear Integrated Syste...
LT3089 LINEAR-LT3089 Datasheet
1Mb / 28P
800mA Single Resistor Rugged Linear Regulator with Monitors
logo
Linear Technology
LT3081 LINER-LT3081 Datasheet
287Kb / 6P
1.5A Single Resistor Rugged Linear Regulator with Monitors
LT3088EDD LINER-LT3088EDD Datasheet
627Kb / 6P
800mA Single Resistor Rugged Linear Regulator
LT3089EDF LINER-LT3089EDF Datasheet
685Kb / 6P
800mA Rugged Linear Regulator with Monitors
LT3088 LINER-LT3088 Datasheet
558Kb / 26P
800mA Single Resistor Rugged Linear Regulator
logo
SHIKUES Electronics
SK1117A SKTECHNOLGY-SK1117A Datasheet
2Mb / 6P
800mA Bipolar Linear Regulator
logo
ACE Technology Co., LTD...
ACE51117C ACE-ACE51117C Datasheet
202Kb / 3P
800mA Bipolar Linear Regulator
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com