Electronic Components Datasheet Search
  English  ▼

X  

LT8311 Datasheet(PDF) 39 Page - Linear Technology

Part # LT8311
Description  Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8311 Datasheet(HTML) 39 Page - Linear Technology

Back Button LT8311 Datasheet HTML 35Page - Linear Technology LT8311 Datasheet HTML 36Page - Linear Technology LT8311 Datasheet HTML 37Page - Linear Technology LT8311 Datasheet HTML 38Page - Linear Technology LT8311 Datasheet HTML 39Page - Linear Technology LT8311 Datasheet HTML 40Page - Linear Technology LT8311 Datasheet HTML 41Page - Linear Technology LT8311 Datasheet HTML 42Page - Linear Technology LT8311 Datasheet HTML 43Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
LT8311
39
8311f
For more information www.linear.com/LT8311
APPLICATIONS INFORMATION
3. RSYNC must be large enough to limit the amount of
source/sink current required each time a positive or
negative SYNC pin voltage signal is generated. The
SOUT pin’s gate drivers offer limited source current
capability; RSYNC must be large enough to ensure
that this constraint in current-drive is not violated.
For instance, the LT3752’s SOUT drivers are rated for
a maximum current of about 100mA. This results in:
RSYNC ≥
VMAX
100mA
VMAX is the SOUT gate driver high voltage, which is
typically about 8V to 12V for the LT3752.
The following steps can be used as guidelines to calculate
RSYNC and CSYNC values:
Step 1: Choose Pulse Transformer. A typically recom-
mendedchoiceisthePE-68386NLfromPulseElectronics.
Step 2: Determine the primary-side IC’s maximum SOUT
signalmagnitude,VMAX(seeFigure19).Thissetsthemaxi-
mum magnitude of the signal on the LT8311’s SYNC pin.
Step 3: Guess a capacitance value for CSYNC. A good
starting value might be between 220pF and 1nF.
Step 4: Pick RSYNC based on constraint shown in the
following equation:
1
2
•
Lm
CSYNC


≥ RSYNC ≥ MAX
50ns
CSYNC • −1 • IN(2V / VMAX)


, VMAX
IMAX




where IMAXisthemaximumcurrentsource/sinkcapability
of the primary-side IC’s SOUT pin (LT3752’s maximum
capabilityisabout100mAandLT8310’smaximumcurrent
capability is about 300mA). It is recommended to design
for an IMAX that is lower than the maximum recommended
source current specified, to allow for design margin over
process and temperature.
If the RSYNC calculation in Step 4 yields an unreasonable
resistance value, go back to steps 1 to 3, and change either
Lm, VMAX, or CSYNC. Recalculate RSYNC in Step 4 until all
criteria are satisfied.
Design Example
In a LT3752-LT8311 forward converter design, pulse
transformer PE-68386NL is chosen for communication
of LT3752 SOUT signals, through a highpass filter, to the
LT8311’s SYNC pin.
Step 1: This transformer has a magnetizing inductance
of Lm = 785µH.
Step 2: LT3752’s VMAX = 12V.
Step 3: Choose CSYNC = 220pF
Step 4: Designing for IMAX = 70mA, Lm = 785µH, CSYNC
= 220pF, VMAX = 12V, results in the following calculation
for RSYNC:
944Ω ≥ RSYNC ≥ Max {127Ω, 171Ω}
Conclusion
In this example, RSYNC=560ΩischosenalongwithCSYNC
= 220pF as the highpass filter to be used along with pulse
transformer, PE-68386NL to communicate the LT3752’s
SOUT signals to the LT8311’s SYNC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com