Electronic Components Datasheet Search
  English  ▼

X  

LT1352 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1352
Description  90MHz, 2200V/關s 30V Low Power Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1352 Datasheet(HTML) 2 Page - Linear Technology

  LT1352 Datasheet HTML 1Page - Linear Technology LT1352 Datasheet HTML 2Page - Linear Technology LT1352 Datasheet HTML 3Page - Linear Technology LT1352 Datasheet HTML 4Page - Linear Technology LT1352 Datasheet HTML 5Page - Linear Technology LT1352 Datasheet HTML 6Page - Linear Technology LT1352 Datasheet HTML 7Page - Linear Technology LT1352 Datasheet HTML 8Page - Linear Technology LT1352 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT6274/LT6275
2
6275fa
For more information www.linear.com/LT6275
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage
(V+ – V–) ...................................................................34V
Differential Input Voltage
(Transient Only) (Note 2) ........................................ ±10V
Input Voltage...................................................... V– to V+
Input Current
(+IN, –IN) (Note 3) ............................................... ±10mA
Output Current (Note 12) ...............................115mARMS
Output Short-Circuit Current Duration
(Note 4) ..........................................Thermally Limited
(Note 1)
ORDER INFORMATION
TUBE
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT6274IS5#PBF
LT6274IS5 #TRPBF
LTHCY
5-Lead Plastic TSOT-23
–40°C to 85°C
LT6274HS5#PBF
LT6274HS5 #TRPBF
LTHCY
5-Lead Plastic TSOT-23
–40°C to 125°C
LT6275IMS8#PBF
LT6275IMS8 #TRPBF
LTFYV
8-Lead Plastic MSOP
–40°C to 85°C
LT6275HMS8#PBF
LT6275HMS8 #TRPBF
LTFYV
8-Lead Plastic MSOP
–40°C to 125°C
*The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges. Parts ending with PBF are RoHS and WEEE compliant.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LT6275#orderinfo
OUT 1
V– 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
+IN 3
5 V+
4 –IN
+
θJA = 215°C/W
1
2
3
4
OUTA
–INA
+INA
V–
8
7
6
5
V+
OUTB
–INB
+INB
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 163°C/W
Operating Temperature Range (Note 5)
LT6274I/LT6275I..................................–40°C to 85°C
LT6274H/LT6275H............................. –40°C to 125°C
Specified Temperature Range (Note 6)
LT6274I/LT6275I..................................–40°C to 85°C
LT6274H/LT6275H............................. –40°C to 125°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com