Electronic Components Datasheet Search
  English  ▼

X  

LT3082 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3082
Description  800mA Single Resistor Rugged Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3082 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3082 Datasheet HTML 17Page - Linear Technology LT3082 Datasheet HTML 18Page - Linear Technology LT3082 Datasheet HTML 19Page - Linear Technology LT3082 Datasheet HTML 20Page - Linear Technology LT3082 Datasheet HTML 21Page - Linear Technology LT3082 Datasheet HTML 22Page - Linear Technology LT3082 Datasheet HTML 23Page - Linear Technology LT3082 Datasheet HTML 24Page - Linear Technology LT3082 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LT3088
21
3088fb
For more information www.linear.com/LT3088
TYPICAL APPLICATIONS
Reference Buffer
Adding Soft-Start
*
LT1019
VOUT
*MIN LOAD 2mA
IN
SET
OUT
+
–
LT3088
ISET
50µA
3088 TA04
1µF
OUTPUT
GND
47µF
INPUT
VIN
VOUT
3.3V
0.8A
IN
SET
OUT
LT3088
ISET
50µA
3088 TA05
0.1µF
10µF
IN4148
VIN
4.8V TO 38V
66.5k
10µF
+
–
Using a Lower Value Set Resistor
Using an External Reference Current
20k
IN
SET
OUT
+
–
LT3088
ISET
50µA
1µF
3088 TA07
IN
SET
OUT
+
–
LT3092
10µA
1mA
VIN
VOUT
0V TO 20V
20k
205
1µF
RSET
2k
VOUT = 0.2V + 5mA • RSET
IN
SET
OUT
+
–
LT3088
ISET
50µA
4.7µF
3088 TA06
4.02k
40.2
VIN
12V
VOUT
0.2V TO 10V
4.7µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com