Electronic Components Datasheet Search
  English  ▼

X  

LT1353 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1353
Description  90MHz, 2200V/關s 30V Low Power Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1353 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1353 Datasheet HTML 12Page - Linear Technology LT1353 Datasheet HTML 13Page - Linear Technology LT1353 Datasheet HTML 14Page - Linear Technology LT1353 Datasheet HTML 15Page - Linear Technology LT1353 Datasheet HTML 16Page - Linear Technology LT1353 Datasheet HTML 17Page - Linear Technology LT1353 Datasheet HTML 18Page - Linear Technology LT1353 Datasheet HTML 19Page - Linear Technology LT1353 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT6274/LT6275
20
6275fa
ANALOG DEVICES, INC. 2017
LT 1217 REV A • PRINTED IN USA
www.linear.com/LT6275
For more information www.linear.com/LT6275
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1351/LT1352/LT1353
Single/Dual/Quad 3MHz, 200V/µs, C-Load Amplifiers
250µA Supply Current, 600µV Max VOS, 5V to 30V Supply Operation
LT1354/LT1355/LT1356
Single/Dual/Quad 12MHz, 400V/μs, C-Load Amplifiers
1mA Supply Current, 800µV Max VOS, 5V to 30V Supply Operation
LT1357/LT1358/LT1359
Single/Dual/Quad 25MHz, 600V/μs, C-Load Amplifiers
2mA Supply Current, 600µV Max VOS, 5V to 30V Supply Operation
LT1360/LT1361/LT1362
Single/Dual/Quad 50MHz, 800V/μs, C-Load Amplifiers
4mA Supply Current, 1mV Max VOS, 5V to 30V Supply Operation
LT1363/LT1364/LT1365
Single/Dual/Quad 70MHz, 1000V/μs, C-Load Amplifiers 6.3mA Supply Current, 1.5mV Max VOS, 5V to 30V Supply Operation
LT1812/LT1813/LT1814
Single/Dual/Quad 100MHz, 750V/μs Op Amps
3mA Supply Current, 1.5mV Max VOS, 4V to 11V Supply Operation
LTC6261/LTC6262/LTC6263 Single/Dual/Quad 30MHz, 7V/µs Op Amps
240µA Supply Current, 400µV Max VOS, 1.8V to 5.25V Supply Operation
LTC6246/LTC6247/LTC6248 Single/Dual/Quad 180MHz, 90V/µs Op Amps
0.95mA Supply Current, 500µV Max VOS, 2.5V to 5.25V Supply Operation
LTC6252/LTC6253/LTC6254 Single/Dual/Quad 720MHz, 280V/µs Op Amps
3.3mA Supply Current, 350µV Max VOS, 2.5V to 5.25V Supply Operation
TYPICAL APPLICATION
100pF
10µF
OUT
IN
+
–
LT1012
LTC2054HV
LTC2756
RCOM
RIN
ROFS
REF
RFB
IOUT1
VOUT
IOUT2
GND
VDD
LDAC
CLR
VOSADJ
GEADJ
M-SPAN
S0
S1
S2
10k
1µF
15V
–15V
6275 TA13
0.1µF
12V
LTC6655-5
10k
10k
14
23
25
4
19
20
21
22
17
CS/LD
SDI
SCK
SRO
12
11
10
9
SPI BUS
1k
27, 28
26
2
3
5
1
7
6, 8, 13,
15, 16, 24
10k
5V
–5V
LTC6240HV
5V
–5V
–
+
1/2 LT6275
15V
–15V
1k
10Ω
CCOMP
5pF
1k
4.02k
1µF
Composite Amplifier Provides 18-Bit Precision and Fast Settling
DAC with Composite Amplifier Output Response
(Varying Compensation Capacitance)
CCOMP
100pF
68pF
30pF
22pF
15pF
10pF
TIME (µs)
–2 –1
0
1
2
3
4
5
6
7
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
14
6275 TA14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com