Electronic Components Datasheet Search
  English  ▼

X  

LT3082 Datasheet(PDF) 24 Page - Linear Technology

Part # LT3082
Description  800mA Single Resistor Rugged Linear Regulator with Monitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3082 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3082 Datasheet HTML 20Page - Linear Technology LT3082 Datasheet HTML 21Page - Linear Technology LT3082 Datasheet HTML 22Page - Linear Technology LT3082 Datasheet HTML 23Page - Linear Technology LT3082 Datasheet HTML 24Page - Linear Technology LT3082 Datasheet HTML 25Page - Linear Technology LT3082 Datasheet HTML 26Page - Linear Technology LT3082 Datasheet HTML 27Page - Linear Technology LT3082 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LT3089
24
3089f
For more information www.linear.com/LT3089
TYPICAL APPLICATIONS
Using a Lower Value Set Resistor
Using an External Reference Current
20k
IN
SET
1k
TEMP
IMON
ILIM
OUT
+
–
LT3089
ISET
50µA
1µF
3089 TA10
1k
IN
SET
OUT
+
–
LT3092
10µA
1mA
VIN
VOUT
0V TO 20V
20k
215
1µF
RSET
2k
VOUT = 0.2V + 5mA • RSET
IN
SET
1k
TEMP
IMON
ILIM
OUT
+
–
LT3089
ISET
50µA
4.7µF
3089 TA09
1k
4.02k
40.2
VIN
12V
VOUT
0.2V TO 10V
4.7µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com