Electronic Components Datasheet Search
  English  ▼

X  

LT1114 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1114
Description  3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1114 Datasheet(HTML) 1 Page - Linear Technology

  LT1114 Datasheet HTML 1Page - Linear Technology LT1114 Datasheet HTML 2Page - Linear Technology LT1114 Datasheet HTML 3Page - Linear Technology LT1114 Datasheet HTML 4Page - Linear Technology LT1114 Datasheet HTML 5Page - Linear Technology LT1114 Datasheet HTML 6Page - Linear Technology LT1114 Datasheet HTML 7Page - Linear Technology LT1114 Datasheet HTML 8Page - Linear Technology LT1114 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LT6015/LT6016/LT6017
1
601567ff
For more information www.linear.com/LT6015
Typical applicaTion
FeaTures
DescripTion
3.2MHz, 0.8V/µs
Low Power, Over-The-Top
Precision Op Amps
applicaTions
L
, LT, LTC, LTM, Linear Technology, Over-The-Top and the Linear logo are registered
trademarks and ThinSOT is a trademark of Linear Technology Corporation. All other trademarks
are the property of their respective owners.
n
Input Common Mode Range: V– to V– + 76V
n
Rail-to-Rail Input and Output
n
Low Power: 315μA/Amplifier
n
Operating Temperature Range: –55°C to 150°C
n
VOS: ±50μV (Maximum)
n
CMRR, PSRR: 126dB
n
Reverse Battery Protection to 50V
n
Gain Bandwidth Product: 3.2MHz
n
Specified on 5V and ±15V Supplies
n
High Voltage Gain: 1000V/mV
n
No Phase Reversal
n
No Supply Sequencing Problems
n
Single 5-Lead SOT-23 (ThinSOT™) Package
n
Dual 8-Lead MSOP
n
Quad 22-Lead DFN (6mm × 3mm)
n
High Side or Low Side Current Sensing
n
Battery/Power Supply Monitoring
n
4mA to 20mA Transmitters
n
High Voltage Data Acquisition
n
Battery/Portable Instrumentation
TheLT®6015/LT6016/LT6017aresingle/dual/quadrail-to-
rail input operational amplifiers with input offset voltage
trimmed to less than 50µV. These amplifiers operate on
single and split supplies with a total voltage of 3V to 50V
and draw only 315µA per amplifier. They are reverse
battery protected, drawing very little current for reverse
supplies up to 50V.
The Over-The-Top® input stage of the LT6015/LT6016/
LT6017 is designed to provide added protection in tough
environments. The input common mode range extends
from V– to V+ and beyond: these amplifiers operate with
inputs up to 76V above V– independent of V+. Internal
resistors protect the inputs against transient faults up
to 25V below the negative supply. The LT6015/LT6016/
LT6017 can drive loads up to 25mA and are unity-gain
stable with capacitive loads as large as 200pF. Optional
external compensation can be added to extend the capaci-
tive drive capability beyond 200pF.
TheLT6015isofferedina5-leadSOTpackage.TheLT6016
dual op amp is available in an 8-lead MSOP package. The
LT6017 is offered in a 22-pin leadless DFN package.
Precision High Voltage High Side Load Current Monitor
Output Error vs Load Current
–
+
LT6015
5V
0.1µF
200
100
1%
200
0.1
10W
BSP89
1V/A
0V TO 1V OUT
VBAT = 1.5V TO 76V
601567 TA01a
2k
LOAD
LOAD CURRENT (A)
0.01
–1.0
0
0.2
–0.2
–0.4
–0.6
–0.8
0.1
601567 TA01b
1
VBAT = 1.5V
VBAT = 5V
VBAT = 20V
VBAT = 75V


Similar Part No. - LT1114

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1114 LINER-LT1114 Datasheet
369Kb / 12P
Dual/Quad Low Power Precision, Picoamp Input Op Amps
logo
Linear Integrated Syste...
LT1114 LINEAR-LT1114 Datasheet
339Kb / 16P
Dual/Quad Low Power Precision, Picoamp Input Op Amps
logo
Linear Technology
LT1114 LINER-LT1114 Datasheet
860Kb / 22P
Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
LT1114 LINER-LT1114 Datasheet
345Kb / 16P
Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1114AC LINER-LT1114AC Datasheet
369Kb / 12P
Dual/Quad Low Power Precision, Picoamp Input Op Amps
More results

Similar Description - LT1114

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1638 LINER-LT1638_1 Datasheet
245Kb / 16P
1.2MHz, 0.4V/關s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT6016 LINER-LT6016 Datasheet
860Kb / 22P
Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
LT1672 LINER-LT1672_15 Datasheet
220Kb / 12P
Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1674 LINER-LT1674_15 Datasheet
220Kb / 12P
Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT6015 LINER-LT6015_15 Datasheet
929Kb / 22P
3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
LT6016 LINER-LT6016_15 Datasheet
929Kb / 22P
3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
LT6017 LINER-LT6017_15 Datasheet
929Kb / 22P
3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
LT6274 LINER-LT6274 Datasheet
1Mb / 20P
90MHz, 2200V/關s 30V Low Power Op Amps
logo
Analog Devices
ADA4098-1 AD-ADA4098-1 Datasheet
1Mb / 33P
50 V, 1 MHz, 165 關A per Channel, Robust, Over-The-Top, Precision Op Amps
Rev. A
ADA4097-1 AD-ADA4097-1_V01 Datasheet
1Mb / 31P
50 V, 130 kHz, 32.5 關A per Channel, Robust, Over-The-Top, Precision Op Amps
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com