Electronic Components Datasheet Search
  English  ▼

X  

LT1357 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1357
Description  90MHz, 2200V/關s 30V Low Power Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1357 Datasheet(HTML) 4 Page - Linear Technology

  LT1357 Datasheet HTML 1Page - Linear Technology LT1357 Datasheet HTML 2Page - Linear Technology LT1357 Datasheet HTML 3Page - Linear Technology LT1357 Datasheet HTML 4Page - Linear Technology LT1357 Datasheet HTML 5Page - Linear Technology LT1357 Datasheet HTML 6Page - Linear Technology LT1357 Datasheet HTML 7Page - Linear Technology LT1357 Datasheet HTML 8Page - Linear Technology LT1357 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT6274/LT6275
4
6275fa
For more information www.linear.com/LT6275
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Differential inputs of ±10V are appropriate for transient operation
only, such as during slewing. Large, sustained differential inputs will
cause excessive power dissipation and may damage the part. See Input
Considerations in the Applications Information section of this data sheet
for more details.
Note 3: The inputs are protected by ESD protection diodes to each power
supply. The Input current should be limited to less than 10mA.
Note 4: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 5: The LT6274I/LT6275I are guaranteed functional over the
operating temperature range of –40°C to 85°C. The LT6274H/LT6275H
are guaranteed functional over the operating temperature range of
–40°C to 125°C.
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Unless noted otherwise, VCM = 0V, and specifications apply at both
VS = (V+ – V–) = ±5V and ±15V.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tR, tF
Small Signal Rise/Fall Time
AV = 1, 10% – 90%, 100mV Input Step
4
ns
tPD
Propagation Delay
50% VIN to 50% VOUT, 100mV Input Step
4
ns
ts
Settling Time
1% of 10V Step, AV = 1, VS = ±15V
0.1% of 10V Step, AV = 1, VS = ±15V
1% of 5V Step, AV = 1, VS = ±5V
40
185
65
ns
ns
ns
Note 6: The LT6274I/LT6275I are guaranteed to meet specified
performance from –40°C to 85°C. The LT6274H/LT6275H are guaranteed
to meet specified performance from –40°C to 125°C.
Note 7: Input offset voltage is pulse tested and is exclusive of warm-up drift.
Note 8: This parameter is not 100% tested.
Note 9: Input voltage range is guaranteed by common mode rejection ratio
test.
Note 10: Supply voltage range is guaranteed by power supply rejection
ratio test.
Note 11: Slew rate is measured between 20% and 80% of output step with
±6V input (at AV = –2) and ±10V input (at AV = ±1) for ±15V supplies, and
between 35% and 65% of output step with ±1.75V input (at AV = –2) for
±5V supplies.
Note 12: Current density limitations within the IC require the continuous
RMS current supplied by the output (sourcing or sinking) over the
operating lifetime of the part be limited to under 115mA (Absolute
Maximum). Proper heat sinking may be required to keep the junction
temperature below the absolute maximum rating.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com