Electronic Components Datasheet Search
  English  ▼

X  

LT1014 Datasheet(PDF) 22 Page - Linear Technology

Part # LT1014
Description  3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1014 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1014 Datasheet HTML 14Page - Linear Technology LT1014 Datasheet HTML 15Page - Linear Technology LT1014 Datasheet HTML 16Page - Linear Technology LT1014 Datasheet HTML 17Page - Linear Technology LT1014 Datasheet HTML 18Page - Linear Technology LT1014 Datasheet HTML 19Page - Linear Technology LT1014 Datasheet HTML 20Page - Linear Technology LT1014 Datasheet HTML 21Page - Linear Technology LT1014 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LT6015/LT6016/LT6017
22
601567ff
For more information www.linear.com/LT6015
©
LINEAR TECHNOLOGY CORPORATION 2012
LT 0915 REV F • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LT6015
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LT1490A/LT1491A
Dual and Quad Micropower Rail-to-Rail Input and
Output Op Amp
Over-The-Top Inputs, 50μA/Amplifier, Reverse Battery Protection to 18V
LT1638/LT1639
1.2MHz, 0.4V/µs Over-The-Top Rail-to-Rail Input and
Output Op Amp
Over-The-Top Inputs, 230μA/Amplifier, 1.2MHz GBW, 0.4V/µs Slew Rate
LT1494/LT1495/LT1496 1.5μA Max, Single, Dual, and Quad, Over-The-Top
Precision Rail-to-Rail Input and Output Op Amps
Over-The-Top Inputs, 1.5μA/Amplifier, 375μV Voltage Offset
LT1112/LT1114
Dual/Quad Low Power Precision, pA Input Op Amp
60μV Offset Voltage, 400μA/Amplifier
LT1013/LT1014
Dual/Quad Precision Op Amp
150μV Offset Voltage, 500μA/Amplifier
Extended Supply Current Boosted Gain of Three Amplifier Drives 100Ω Load to ±30V, with 600mA Current Limit
–
+
35V
–35V
1k
604
1
1/2W
1k
820pF
35V
–35V
1k
0.1µF
1/2
LT6016
VOUT = ±30V
24VZ*
24VZ*
2 × 1N4148
OR EQUIVALENT
60167 TA03
47nF
Q1
Q2
47nF
10nF
*ZENER DIODES: CENTRAL SEMI CMZ5934
Q1, Q2: ON-SEMI D44VH10 NPN, D45VH10 PNP WITH HEAT SINK
**BOTH HALVES OF LT6016 ON SAME SUPPLY
–
+
1/2
LT6016**
330
10k
VIN
1k
20k
100k
330pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com