Electronic Components Datasheet Search
  English  ▼

X  

LT8300 Datasheet(PDF) 29 Page - Linear Technology

Part # LT8300
Description  Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8300 Datasheet(HTML) 29 Page - Linear Technology

Back Button LT8300 Datasheet HTML 25Page - Linear Technology LT8300 Datasheet HTML 26Page - Linear Technology LT8300 Datasheet HTML 27Page - Linear Technology LT8300 Datasheet HTML 28Page - Linear Technology LT8300 Datasheet HTML 29Page - Linear Technology LT8300 Datasheet HTML 30Page - Linear Technology LT8300 Datasheet HTML 31Page - Linear Technology LT8300 Datasheet HTML 32Page - Linear Technology LT8300 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
LT8311
29
8311f
For more information www.linear.com/LT8311
APPLICATIONS INFORMATION
Picking the Opto-Coupler
The voltage feedback loop, explained earlier, uses an
opto-coupler to convey output voltage information from
the secondary side to the primary side (see Figure 17).
An opto-coupler is used because of its wide prevalence,
relatively low cost, and its ability to convey DC signal
information over an isolation boundary with potential
differences of up to 5000V.
The input of an opto-coupler typically consists of an
infrared light-emitting diode (LED), while the output
is typically a phototransistor. Current flowing into the
opto-coupler’s input LED, called IF, causes photons to
be emitted. These photons cross the opto-coupler’s
isolation barrier and get collected in the base of the output
phototransistor. This photo current, which essentially
forms the phototransistor’s base current, is gained up
by the phototransistor’s ß (current gain) before flowing
out of the opto-coupler, and is called IOPTO_OUT. The key
parameter of interest in an opto-coupler is the current
transfer ratio (CTR). CTR is typically expressed in units
of %, and is calculated as follows:
CTR(%)
=
IOPTO_OUT
IF
Figure 17. Typical Opto-Coupler Configuration in a Voltage Feedback Loop
8311 F17
IOPTO_OUT
IF
PRIMARY SIDE
OF VOLTAGE
FEEDBACK LOOP
VCC
OPTO
RE
PRIMARY
SIDE
SECONDARY
SIDE
LT8311
OPTO-
COUPLER
ISOLATION
BOUNDARY
RD
where IOPTO_OUT is the output current of the opto-coupler
and IF is the opto-coupler’s input LED current
Opto-couplers have historically been disliked, and jus-
tifiably so, for having CTRs that degrade with operating
lifetime, at higher operating temperatures, and at higher
input currents (IF). Much of this CTR degradation comes
from a reduction in the quantum efficiency of the input
LED, which is a function of the LED’s operating current
(IF), operating temperature and operating lifetime.
Fortunately, LED technology has matured over the last
coupleofdecades,andhasallowedimprovementsinopto-
coupler performance, a discussion of which is beyond the
scopeofthisdatasheet.AvagoTechnologieshaspublished
documentation showing 3-sigma CTR degradation of no
more than 10% over 30 field years of operation for their
opto-couplers manufactured with AlGaAs type LEDs run-
ning 5mA of input current (IF) at 100% duty cycle, and at
85°C ambient temperature.
Please refer to the application/design notes from opto-
coupler vendors such as Avago Technologies, CEL and
Vishay, to procure further information on opto-couplers.
Atypicallyrecommendedopto-coupleristhePS2801from
California Eastern Laboratories (CEL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com