Electronic Components Datasheet Search
  English  ▼

X  

LTC2991 Datasheet(PDF) 31 Page - Linear Technology

Part # LTC2991
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2991 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC2991 Datasheet HTML 27Page - Linear Technology LTC2991 Datasheet HTML 28Page - Linear Technology LTC2991 Datasheet HTML 29Page - Linear Technology LTC2991 Datasheet HTML 30Page - Linear Technology LTC2991 Datasheet HTML 31Page - Linear Technology LTC2991 Datasheet HTML 32Page - Linear Technology LTC2991 Datasheet HTML 33Page - Linear Technology LTC2991 Datasheet HTML 34Page - Linear Technology LTC2991 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
LTC2000A
31
2000afb
For more information www.linear.com/LTC2000A
OPERATION
Table 7. Dynamic Linearization SPI Registers
ADDRESS BIT
NAME
DESCRIPTION
0x07
0
LIN_DIS
Dynamic Linearization Disable. Disabled when LIN_DIS = 1.
[3:1]
LIN_GN
Dynamic Linearization Gain Select. Changing LIN_GN varies the amount of 3rd order harmonic correction applied to the
DAC output. LIN_GN = 000 is normally optimal.
LIN_GN
LINEARIZATION PERCENTAGE
110
50%
111
63%
000
75% (default)
001
88%
010
100%
011
113%
100
125%
101
138%
0x08
[3:0] LIN_VMX Dynamic Linearization Max IOUTP/N Voltage Select. For optimal 3rd order harmonic performance, set LIN_VMX to
correspond to the maximum voltage expected at IOUTP/N. Reset state is LIN_VMX = 1000, which corresponds to 0.51V.
LIN_VMX must be greater than LN_VMN.
[7:4] LIN_VMN Dynamic Linearization Min IOUTP/N Voltage Select. For optimal 3rd order harmonic performance, set LIN_VMN to
correspond to the minimum voltage expected at IOUTP/N. Reset state is LIN_VMN = 0000, which corresponds to 0.0V.
LIN_VMN must be less than LN_VMX.
LIN_VMX/N
MAX/MIN VOLTAGE EXPECTED AT IOUTP/N
0000
0.00V (Default for LIN_VMN)
0001
0.16V
0010
0.19V
0011
0.22V
0100
0.25V
0101
0.31V
0110
0.38V
0111
0.44V
1000
0.51V (Default for LIN_VMX)
1001
0.63V
1010
0.75V
1011
0.87V
1100
1.00V
Note: Register 0x07 resets to 0x00 (default). Register 0x08 resets to 0x08 (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com