Electronic Components Datasheet Search
  English  ▼

X  

LT5579 Datasheet(PDF) 32 Page - Linear Technology

Part # LT5579
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5579 Datasheet(HTML) 32 Page - Linear Technology

Back Button LT5579 Datasheet HTML 28Page - Linear Technology LT5579 Datasheet HTML 29Page - Linear Technology LT5579 Datasheet HTML 30Page - Linear Technology LT5579 Datasheet HTML 31Page - Linear Technology LT5579 Datasheet HTML 32Page - Linear Technology LT5579 Datasheet HTML 33Page - Linear Technology LT5579 Datasheet HTML 34Page - Linear Technology LT5579 Datasheet HTML 35Page - Linear Technology LT5579 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
LTC2000A
32
2000afb
For more information www.linear.com/LTC2000A
OPERATION
Table 8. SPI Registers for Measuring LVDS Input Timing Skew
ADDRESS
BIT
NAME
DESCRIPTION
0x18
0
LMX_MSEL
LVDS Test MUX Select. Set LMX_MSEL high or low to select between a pair of neighboring LVDS signals for
comparison at TSTP/N.
[5:1]
LMX_ADR
LVDS Test MUX Address. Use LMX_ADR to select which pair of LVDS signals will be compared at TSTP/N
(See Below).
6
LMX_EN
LVDS Test MUX Enable. Set LMX_EN=1 to compare timing of neighboring signals at TSTP/N.
Ensure TDIO_EN = 0 when LMX_EN = 1.
LMX_ADR
LTC2000A-16
LTC2000A-14
LTC2000A-11
LMX_MSEL = 0
LMX_MSEL = 1
(INVERTED)
LMX_MSEL = 0
LMX_MSEL = 1
(INVERTED)
LMX_MSEL = 0
LMX_MSEL = 1
(INVERTED)
00000
DA14P/N
DA15N/P
DA12P/N
DA13N/P
DA9P/N
DA10N/P
00001…01001
DA[13:5]P/N
DA[14:6]N/P
DA[11:3]P/N
DA[12:4]N/P
DA[8:0]P/N
DA[9:1]N/P
01010
DA4P/N
DA5N/P
DA2P/N
DA3N/P
—
DA0N/P
01011
DA3P/N
DA4N/P
DA1P/N
DA2N/P
—
—
01100
DA2P/N
DA3N/P
DA0P/N
DA1N/P
—
—
01101
DA1P/N
DA2N/P
—
DA0N/P
—
—
01110
DA0P/N
DA1N/P
—
—
—
—
01111
DCKIP/N
DA0N/P
DCKIP/N
—
DCKIP/N
—
10000
DB15P/N
DCKIN/P
DB13P/N
DCKIN/P
DB10P/N
DCKIN/P
10001
DB14P/N
DB15N/P
DB12P/N
DB13N/P
DB9P/N
DB10N/P
10010…11010
DB[13:5]P/N
DB[14:6]N/P
DB[11:3]P/N
DB[12:4]N/P
DB[8:0]P/N
DB[9:1]N/P
11011
DB4P/N
DB5N/P
DB2P/N
DB3N/P
—
DB0N/P
11100
DB3P/N
DB4N/P
DB1P/N
DB2N/P
—
—
11101
DB2P/N
DB3N/P
DB0P/N
DB1N/P
—
—
11110
DB1P/N
DB2N/P
—
DB0N/P
—
—
11111
DB0P/N
DB1N/P
—
—
—
—
Note: Register 0x18 resets to 0x00 (default).
DAP/N[15:0]
0xAAAA
0xAAAA
0xAAAA
2000A F08
0xAAAA
0x5555
0x5555
0x5555
0x5555
DBP/N[15:0]
DCKI
Figure 8. Sample Pattern for Measuring LVDS Input Timing Skew (LTC2000A-16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com