Electronic Components Datasheet Search
  English  ▼

X  

LTC6945 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC6945
Description  16-Bit, 20Msps Serial Low Noise Dual ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6945 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC6945 Datasheet HTML 11Page - Linear Technology LTC6945 Datasheet HTML 12Page - Linear Technology LTC6945 Datasheet HTML 13Page - Linear Technology LTC6945 Datasheet HTML 14Page - Linear Technology LTC6945 Datasheet HTML 15Page - Linear Technology LTC6945 Datasheet HTML 16Page - Linear Technology LTC6945 Datasheet HTML 17Page - Linear Technology LTC6945 Datasheet HTML 18Page - Linear Technology LTC6945 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
2271f
LTC2271
APPLICATIONS INFORMATION
Reference
The LTC2271 has an internal 1.25V voltage reference. For
a 2.1V input range using the internal reference, connect
SENSE to VDD. For a 1.05V input range using the internal
reference, connect SENSE to ground. For a 2.1V input
range with an external reference, apply a 1.25V reference
voltage to SENSE (Figure 9).
The input range can be adjusted by applying a voltage to
SENSE that is between 0.625V and 1.30V. The input range
will then be 1.68 • VSENSE.
The VREF, REFH and REFL pins should be bypassed as
shown in Figure 8. A low inductance 2.2μF interdigitated
capacitor is recommended for the bypass between REFH
and REFL. This type of capacitor is available at a low cost
from multiple suppliers.
Alternatively, C1 can be replaced by a standard 2.2μF
capacitor between REFH and REFL. The capacitors should
be as close to the pins as possible (not on the back side
of the circuit board).
Figure 8c and 8d show the recommended circuit board
layout for the REFH/REFL bypass capacitors. Note that in
Figure 8c, every pin of the interdigitated capacitor (C1)
is connected since the pins are not internally connected
in some vendors’ capacitors. In Figure 8d the REFH and
REFL pins are connected by short jumpers in an internal
layer. To minimize the inductance of these jumpers they
can be placed in a small hole in the GND plane on the
second board layer.
Figure 8a. Reference Circuit
SENSE
1.25V
EXTERNAL
REFERENCE
2.2μF
1μF
VREF
2271 F09
LTC2271
Figure 9. Using an External 1.25V Reference
VREF
REFH
REFH
SENSE
C1
TIE TO VDD FOR 2.1V RANGE;
TIE TO GND FOR 1.05V RANGE;
SENSE FOR
0.625V < VSENSE < 1.300V
1.25V
REFL
REFL
INTERNAL ADC
HIGH REFERENCE
BUFFER
2271 F08a
LTC2271
5Ω
0.84x
DIFF AMP
INTERNAL ADC
LOW REFERENCE
C1: 2.2μF LOW INDUCTANCE
INTERDIGITATED CAPACITOR
TDK CLLE1AX7S0G225M
MURATA LLA219C70G225M
AVX W2L14Z225M
OR EQUIVALENT
1.25V BANDGAP
REFERENCE
0.625V
RANGE
DETECT
AND
CONTROL
2.2μF
C2
1μF
C3
1μF
+
+
–
–
–
–
+
+
REFH
REFH
REFL
REFL
2271 F08b
LTC2271
CAPACITORS ARE 0402 PACKAGE SIZE
C3
1μF
C1
2.2μF
C2
1μF
Figure 8b. Alternative REFH/REFL Bypass Circuit
Figure 8c. Recommended Layout for the REFH/REFL Bypass
Circuit in Figure 8a
Figure 8d. Recommended Layout for the REFH/REFL Bypass
Circuit in Figure 8b
2271 F08c
2271 F08d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com