Electronic Components Datasheet Search
  English  ▼

X  

LT5578 Datasheet(PDF) 42 Page - Linear Technology

Part # LT5578
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5578 Datasheet(HTML) 42 Page - Linear Technology

Back Button LT5578 Datasheet HTML 38Page - Linear Technology LT5578 Datasheet HTML 39Page - Linear Technology LT5578 Datasheet HTML 40Page - Linear Technology LT5578 Datasheet HTML 41Page - Linear Technology LT5578 Datasheet HTML 42Page - Linear Technology LT5578 Datasheet HTML 43Page - Linear Technology LT5578 Datasheet HTML 44Page - Linear Technology LT5578 Datasheet HTML 45Page - Linear Technology LT5578 Datasheet HTML 46Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
LTC2000A
42
2000afb
For more information www.linear.com/LTC2000A
APPLICATIONS INFORMATION
DAP[15:0]
DAN[15:0]
DCKIP
DCKIN
DBP[15:0]
DBN[15:0]
SVDD
AVDD33
DVDD33
AVDD18
DVDD18
DCKOP
DCKON
CKP
R29
50
R26
50
CKN
TSTP
TSTN
IOUTP
IOUTN
S1
S2
S3
S4
S5
R4
R3
REFIO
FSADJ
2000A F16
M1
M2
H1
J1
PD
CS
SDO
SDI
SCK
J10
MATCHED LVDS
DATA AND CLOCK
LINES FROM FPGA
SPI
PORTS
J8
K8
K7
3.3V
1.8V
47µF
47µF
LTC2000A
GND
C43
0.01µF
C66
1pF
C42
100pF
6
1
2
3
5
GND
GND
IN
4
C41
100pF
T1
ANAREN
B0430J50100AHF
C47
10pF
L6
1nH
CLOCK
SOURCE
R40
50
R46
50
R45
500
C40
10µF
R47
50
R48
50
Figure 16
Layer 2
Layer 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com