Electronic Components Datasheet Search
  English  ▼

X  

LT5575 Datasheet(PDF) 5 Page - Linear Technology

Part # LT5575
Description  Dual 12-Bit 310Msps ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5575 Datasheet(HTML) 5 Page - Linear Technology

  LT5575 Datasheet HTML 1Page - Linear Technology LT5575 Datasheet HTML 2Page - Linear Technology LT5575 Datasheet HTML 3Page - Linear Technology LT5575 Datasheet HTML 4Page - Linear Technology LT5575 Datasheet HTML 5Page - Linear Technology LT5575 Datasheet HTML 6Page - Linear Technology LT5575 Datasheet HTML 7Page - Linear Technology LT5575 Datasheet HTML 8Page - Linear Technology LT5575 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
215812fa
LTC2158-12
For more information www.linear.com/LTC2158-12
DIGITAL INPUTS AND OUTPUTS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 5)
TIMING CHARACTERISTICS The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fS
Sampling Frequency
(Note 9)
l
10
310
MHz
tL
ENC Low Time (Note 8)
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
1.5
1.2
1.6
1.6
50
50
ns
ns
tH
ENC High Time (Note 8)
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
1.5
1.2
1.6
1.6
50
50
ns
ns
DIGITAL DATA OUTPUTS
tD
ENC to Data Delay
CL = 5pF (Note 8)
l
1.7
2
2.3
ns
tC
ENC to CLKOUT Delay
CL = 5pF (Note 8)
l
1.3
1.6
2
ns
tSKEW
DATA to CLKOUT Skew
tD – tC (Note 8)
l
0.3
0.4
0.55
ns
Pipeline Latency
6
6
Cycles
SPI Port Timing (Note 8)
tSCK
SCK Period
Write Mode
Readback Mode CSDO= 20pF, RPULLUP = 2k
l
l
40
250
ns
ns
tS
CS to SCK Set-Up Time
l
5
ns
tH
SCK to CS Hold Time
l
5
ns
tDS
SDI Set-Up Time
l
5
ns
tDH
SDI Hold Time
l
5
ns
tDO
SCK Falling to SDO Valid
Readback Mode, CSDO = 20pF, RPULLUP = 2k
l
125
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND with GND and OGND
shorted (unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA below GND or above VDD without latchup.
Note 4: When these pin voltages are taken below GND they will be
clamped by internal diodes. When these pin voltages are taken above VDD
they will not be clamped by internal diodes. This product can handle input
currents of greater than 100mA below GND without latchup.
Note 5: VDD = OVDD = 1.8V, fSAMPLE = 310MHz, differential ENC+/ENC– =
2VP-P sine wave, input range = 1.32VP-P with differential drive, unless
otherwise noted.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
best fit straight line to the transfer curve. The deviation is measured from
the center of the quantization band.
Note 7: Offset error is the offset voltage measured from –0.5LSB when the
output code flickers between 0000 0000 0000 and 1111 1111 1111 in 2’s
complement output mode.
Note 8: Guaranteed by design, not subject to test.
Note 9: Recommended operating conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL DATA OUTPUTS
VOD
Differential Output Voltage
100Ω Differential Load, 3.5mA Mode
100Ω Differential Load, 1.75mA Mode
l
l
247
125
350
175
454
250
mV
mV
VOS
Common Mode Output Voltage
100Ω Differential Load, 3.5mA Mode
100Ω Differential Load, 1.75mA Mode
l
l
1.125
1.125
1.250
1.250
1.375
1.375
V
V
RTERM
On-Chip Termination Resistance
Termination Enabled, OVDD = 1.8V
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com