Electronic Components Datasheet Search
  English  ▼

X  

LT5512 Datasheet(PDF) 24 Page - Linear Technology

Part # LT5512
Description  12-Bit,170Msps/ 135Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5512 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT5512 Datasheet HTML 20Page - Linear Technology LT5512 Datasheet HTML 21Page - Linear Technology LT5512 Datasheet HTML 22Page - Linear Technology LT5512 Datasheet HTML 23Page - Linear Technology LT5512 Datasheet HTML 24Page - Linear Technology LT5512 Datasheet HTML 25Page - Linear Technology LT5512 Datasheet HTML 26Page - Linear Technology LT5512 Datasheet HTML 27Page - Linear Technology LT5512 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LTC2220/LTC2221
24
22201fa
As with all high speed/high resolution converters, the
digital output loading can affect the performance. The
digital outputs of the LTC2220/LTC2221 should drive a
minimal capacitive load to avoid possible interaction be-
tween the digital outputs and sensitive input circuitry. The
output should be buffered with a device such as an
ALVCH16373 CMOS latch. For full speed operation the
capacitive load should be kept under 10pF.
Lower OVDD voltages will also help reduce interference
from the digital outputs.
Digital Output Buffers (LVDS Mode)
Figure 13b shows an equivalent circuit for a differential
output pair in the LVDS output mode. A 3.5mA current is
steered from OUT+ to OUT– or vice versa which creates a
±350mV differential voltage across the 100Ω termination
resistor at the LVDS receiver. A feedback loop regulates
the common mode output voltage to 1.25V. For proper
operation each LVDS output pair needs an external 100
Ω
termination resistor, even if the signal is not used (such as
OF+/OF– or CLKOUT+/CLKOUT–). To minimize noise the
PC board traces for each LVDS output pair should be
routed close together. To minimize clock skew all LVDS PC
board traces should have about the same length.
APPLICATIO S I FOR ATIO
Table 3. MODE Pin Function
Clock Duty
MODE Pin
Output Format
Cycle Stablizer
0
Offset Binary
Off
1/3VDD
Offset Binary
On
2/3VDD
2’s Complement
On
VDD
2’s Complement
Off
Data Format
The LTC2220/LTC2221 parallel digital output can be se-
lected for offset binary or 2’s complement format. The
format is selected with the MODE pin. Connecting MODE
to GND or 1/3VDD selects offset binary output format.
Connecting MODE to 2/3VDD or VDD selects 2’s comple-
ment output format. An external resistor divider can be
used to set the 1/3VDD or 2/3VDD logic values. Table 3
shows the logic states for the MODE pin.
LTC2220/LTC2221
22201 F13b
OVDD
LVDS
RECEIVER
OGND
1.25V
D
D
D
D
OUT+
OUT–
100
Ω
+
–
3.5mA
10k
10k
Figure 13b. Digital Output in LVDS Mode
Overflow Bit
An overflow output bit indicates when the converter is
overranged or underranged. In CMOS mode, a logic high
on the OFA pin indicates an overflow or underflow on the
A data bus, while a logic high on the OFB pin indicates an
overflow or underflow on the B data bus. In LVDS mode,
a differential logic high on the OF+/OF– pins indicates an
overflow or underflow.
Output Clock
The ADC has a delayed version of the ENC+ input available
as a digital output, CLKOUT. The CLKOUT pin can be used
to synchronize the converter data to the digital system. This
is necessary when using a sinusoidal encode. In all CMOS
modes, A bus data will be updated just after CLKOUTA rises
and can be latched on the falling edge of CLKOUTA. In demux
CMOS mode with interleaved update, B bus data will be
updated just after CLKOUTB rises and can be latched on the
falling edge of CLKOUTB. In demux CMOS mode with si-
multaneous update, B bus data will be updated just after
CLKOUTB falls and can be latched on the rising edge of
CLKOUTB. In LVDS mode, data will be updated just after
CLKOUT+/CLKOUT– rises and can be latched on the falling
edge of CLKOUT+/CLKOUT–.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com