Electronic Components Datasheet Search
  English  ▼

X  

MA702 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MA702
Description  MagAlpha Communication Kit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA702 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MA702 Datasheet HTML 9Page - Monolithic Power Systems MA702 Datasheet HTML 10Page - Monolithic Power Systems MA702 Datasheet HTML 11Page - Monolithic Power Systems MA702 Datasheet HTML 12Page - Monolithic Power Systems MA702 Datasheet HTML 13Page - Monolithic Power Systems MA702 Datasheet HTML 14Page - Monolithic Power Systems MA702 Datasheet HTML 15Page - Monolithic Power Systems MA702 Datasheet HTML 16Page - Monolithic Power Systems MA702 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
EVKT-MACOM
– MAGALPHA COMMUNICATION KIT
EVKT-MACOM
www.MonolithicPower.com
15
3/15/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Figure 24: Macom App Registers Overview Feature
2. Angle Readback
Figure 25: Macom App Angle Readback
Angle Readback
Full Screen
Switch full screen mode on or off.
Feature Name
Description
Raw Input
Measured angle value coded on 16 bits (0 to 65535) and in degrees (0 to 360).
Resolution
Gives 6σ resolution in bits (n) and 3σ resolution in degrees (m). This means that 99.7% of the
measurement performed on this sensor will have the same n MSB bits and will be within ± m
degrees from the latest angle measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com