Electronic Components Datasheet Search
  English  ▼

X  

LT6231 Datasheet(PDF) 6 Page - Linear Technology

Part # LT6231
Description  12-Bit, 500ksps Serial Sampling ADC in TSOT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6231 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6231 Datasheet HTML 2Page - Linear Technology LT6231 Datasheet HTML 3Page - Linear Technology LT6231 Datasheet HTML 4Page - Linear Technology LT6231 Datasheet HTML 5Page - Linear Technology LT6231 Datasheet HTML 6Page - Linear Technology LT6231 Datasheet HTML 7Page - Linear Technology LT6231 Datasheet HTML 8Page - Linear Technology LT6231 Datasheet HTML 9Page - Linear Technology LT6231 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LTC2312-12
6
231212fa
For more information www.linear.com/LTC2312-12
Typical perForMance characTerisTics
16k Point FFT, fS = 500ksps
fIN = 259kHz
SNR, SINAD vs Input Frequency
(50kHz to 1MHz)
THD, Harmonics vs Input
Frequency (50kHz to 1MHz)
THD, Harmonics vs Input
Frequency (50kHz to 1MHz)
SNR, SINAD vs Temperature,
fIN = 259kHz
THD, Harmonics vs Temperature,
fIN = 259kHz
Integral Nonlinearity
vs Output Code
Differential Nonlinearity
vs Output Code
DC Histogram Near Mid-Scale
(Code 2048)
TA = 25°C, VDD = 5V, OVDD = 2.5V, fSMPL = 500ksps,
unless otherwise noted.
OUTPUT CODE
0
–1.00
–0.50
–0.75
–0.25
0.25
0.0
0.50
0.75
1.00
1024
2048
3072
4096
512
1536
2560
3584
231212 G01
OUTPUT CODE
–1.00
–0.75
–0.50
–0.25
0.25
0.00
0.50
0.75
1.00
231212 G02
0
1024
2048
3072
4096
512
1536
2560
3584
CODE
2047
2048
231212 G03
2046
2049
σ = 0.33
0
4000
8000
16000
12000
TEMPERATURE (°C)
–55 –35
–100
–95
–90
–85
–80
–75
–15 5
25 45 65 85 105 125
231212 G09
THD
3RD
2ND
VDD = 3V
INPUT FREQUENCY (kHz)
0
68
69
71
70
72
73
74
500
250
750
1000
231212 G05
SINAD
SNR
SINAD
SNR
VDD = 5V
VDD = 3V
INPUT FREQUENCY (kHz)
–95
–100
–90
–85
–80
–75
231212 G06
2ND
3RD
RIN/CIN = 50/47pF
fS = 500ksps
VDD = 5V
THD
0
500
250
750
1000
INPUT FREQUENCY (kHz)
–95
–100
–90
–85
–80
–75
231212 G07
2ND
3RD
RIN/CIN = 50/47pF
fS = 500ksps
VDD = 3V
THD
0
500
250
750
1000
69
71
70
72
73
74
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
231212 G08
SNR
SNR
SINAD
SINAD
VDD = 5V
VDD = 3V
231212 G04
INPUT FREQUENCY (kHz)
0
200
250
100
50
150
0
–20
–40
–60
–80
–100
–120
–140
–160
VDD = 5V
SNR = 73dBFS
SINAD = 72.7dBFS
THD = –84dB
SFDR = 88dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com