Electronic Components Datasheet Search
  English  ▼

X  

LTC6652 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC6652
Description  Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6652 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC6652 Datasheet HTML 16Page - Linear Technology LTC6652 Datasheet HTML 17Page - Linear Technology LTC6652 Datasheet HTML 18Page - Linear Technology LTC6652 Datasheet HTML 19Page - Linear Technology LTC6652 Datasheet HTML 20Page - Linear Technology LTC6652 Datasheet HTML 21Page - Linear Technology LTC6652 Datasheet HTML 22Page - Linear Technology LTC6652 Datasheet HTML 23Page - Linear Technology LTC6652 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTC2320-12
20
Rev B
For more information www.analog.com
APPLICATIONS INFORMATION
generated by the ADC and must be clamped by the user,
if necessary.
Single-Ended-to-Differential Conversion
While single-ended signals can be directly digitized as pre-
viously discussed, single-ended to differential conversion
circuits may also be used when higher dynamic range is
desired. By producing a differential signal at the inputs of
the LTC2320-12, the signal swing presented to the ADC is
maximized, thus increasing the achievable SNR.
The LT®1819 high speed dual operational amplifier is
recommendedforperformingsingle-ended-to-differential
conversions, as shown in Figure 8. In this case, the first
amplifier is configured as a unity-gain buffer and the
single-ended input signal directly drives the high imped-
ance input of this amplifier.
Figure 8. Single-Ended to Differential Driver
VREF
0V
VREF
0V
VREF
0V
VREF/2
+
–
+
–
200
200
LT1819
232012 F08
Fully-Differential Inputs
To achieve the best distortion performance of the
LTC2320-12, we recommend driving a fully-differential
signal through LT1819 amplifiers configured as two
unity-gain buffers, as shown in Figure  9. This circuit
achieves the full data sheet THD specification of –90dB at
input frequencies up to 500kHz. A fully-differential input
signal can span the maximum full-scale of the ADC, up to
±REFOUT1,2,3,4. The common mode input voltage can
span the entire supply range up to VDD, limited by the
input signal swing. The fully-differential configuration is
illustrated in Figure 10, with the corresponding transfer
function illustrated in Figure 11.
25
25
220pF
VREF
0V
VREF
0V
VREF
0V
VREF
0V
ONLY CHANNEL 1 SHOWN FOR CLARITY
+
–
+
–
LTC2320-12
LT1819
232012 F10
SDO1
REF
REFOUT1
CLKOUT
AIN1–
AIN1+
SCK
TO CONTROL
LOGIC
(FPGA, CPLD,
DSP, ETC.)
1µF
10µF
Figure 9. LT1819 Buffering a Fully-Differential Signal Source
VREF
0V
VREF
0V
VREF
0V
VREF
0V
+
–
+
–
LT1819
232012 F09
Figure 10. Fully-Differential Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com