Electronic Components Datasheet Search
  English  ▼

X  

LT6200 Datasheet(PDF) 11 Page - Linear Technology

Part # LT6200
Description  16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6200 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6200 Datasheet HTML 7Page - Linear Technology LT6200 Datasheet HTML 8Page - Linear Technology LT6200 Datasheet HTML 9Page - Linear Technology LT6200 Datasheet HTML 10Page - Linear Technology LT6200 Datasheet HTML 11Page - Linear Technology LT6200 Datasheet HTML 12Page - Linear Technology LT6200 Datasheet HTML 13Page - Linear Technology LT6200 Datasheet HTML 14Page - Linear Technology LT6200 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LTC2311-16
11
231116fa
For more information www.linear.com/LTC2311-16
FUNCTIONAL BLOCK DIAGRAM
CMOS I/O Mode
LVDS I/O Mode
14
16-BIT
SAR ADC
LVDS/CMOS
TRI-STATE
SERIAL OUTPUT
LVDS/CMOS
RECEIVERS
SDO+
12
10
OVDD
6
7
AIN+
3
REFOUT
GND
1, 5, 8, 11, 17
2
REFIN
AIN–
16
SCK+
CMOS/LVDS
TIMING CONTROL
LOGIC
231116 BDa
–
+
S/H
LDO
9
CNV
VDD
G
1.25V REF
4
14
13
16-BIT
SAR ADC
LVDS/CMOS
TRI-STATE
SERIAL OUTPUT
LVDS/CMOS
RECEIVERS
SDO+
SDO–
12
10
OVDD
6
7
AIN+
3
REFOUT
GND
1, 5, 8, 11, 17
2
REFIN
AIN–
16
15
SCK+
CMOS/LVDS
SCK–
TIMING CONTROL
LOGIC
231116 BDb
–
+
S/H
LDO
9
CNV
VDD
G
1.25V REF
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com