Electronic Components Datasheet Search
  English  ▼

X  

LT1806 Datasheet(PDF) 29 Page - Linear Technology

Part # LT1806
Description  Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1806 Datasheet(HTML) 29 Page - Linear Technology

Back Button LT1806 Datasheet HTML 24Page - Linear Technology LT1806 Datasheet HTML 25Page - Linear Technology LT1806 Datasheet HTML 26Page - Linear Technology LT1806 Datasheet HTML 27Page - Linear Technology LT1806 Datasheet HTML 28Page - Linear Technology LT1806 Datasheet HTML 29Page - Linear Technology LT1806 Datasheet HTML 30Page - Linear Technology LT1806 Datasheet HTML 31Page - Linear Technology LT1806 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LTC2320-12
29
Rev B
For more information www.analog.com
APPLICATIONS INFORMATION
For example, the first conversion result on SDOA cor-
responds to analog input channel pair 1 and 2, followed
by the conversion results for channels 3 through 8. The
data output on SDOA then wraps back to channel 1 and
this pattern repeats indefinitely. Other SDO lanes follow a
similar circular pattern except the first conversion result
presented on each lane corresponds to its associated
analog input channel pairs (SDOA: analog inputs 1 and
2, SDOB: analog inputs 3 and 4, SDOC: analog inputs 5
and 6 and SDOD: analog inputs 7 and 8).
Applications that cannot accommodate the full four lanes
of serial data may employ fewer lanes without reconfigur-
ing the LTC2320-12. For example, capturing the first four
conversion results (64 SCK cycles total in SDR mode
and 64 SCK edges in DDR mode) from SDOA and SDOC
provides data for analog input channels 1 through 4, and
5 through 8, respectively, using two output lanes. If only
one lane can be accommodated, capturing the first eight
conversion results (128 SCK cycles total in SDR mode
and 128 SCK edges in DDR mode) from SDOA provides
data for all analog input channels. Generally, the more
data lanes used, the lower the required SCK frequency.
When using less than four lanes in LVDS mode, there is
a limit on the maximum possible conversion frequency.
See Table 3 for examples of various possibilities and the
resulting SCK frequency required.
BOARD LAYOUT
To obtain the best performance from the LTC2320-12,
a printed circuit board is recommended. Layout for the
printed circuit board (PCB) should ensure the digital and
analog signal lines are separated as much as possible.
In particular, care should be taken not to run any digital
clocks or signals adjacent to analog signals or underneath
the ADC.
Supply bypass capacitors should be placed as close as
possible to the supply pins. Low impedance common
returns for these bypass capacitors are essential to the
low noise operation of the ADC. A single solid ground
plane is recommended for this purpose. When possible,
screen the analog input traces using ground.
Recommended Layout
For a detailed look at the reference design for this con-
verter, including schematics and PCB layout, please refer
to DC2395A, the evaluation kit for the LTC2320-12.
Table 3. Conversion Frequency for Various I/O Modes
I/O MODE
CMOS/
LVDS PIN
SDR/
DDR PIN
SDO1 – 8
LANES
SDOA – D
LANES
SCK FREQ
(MHz)
CLKOUT FREQ
(MHz)
SCK
CYCLES
OVDD
CONVERSION
FREQUENCY
(Msps/CH)
CMOS
GND
(CMOS)
GND (SDR)
SDO1 – SDO8
100
100
16
1.8V to 2.5V
1.5
OVDD (DDR) SDO1 – SDO8
50
50
8
1.5
OVDD (DDR)
SDO1, SDO3,
SDO5, SDO7
50
50
16
1.25
GND (SDR)
SDO1
100
100
128
0.5
LVDS
OVDD
(LVDS)
GND (SDR)
SDOA – SDOD
200
200
32
2.5V
1.5
OVDD (DDR)
SDOA – SDOD
100
100
16
1.5
OVDD (DDR)
SDOA, SDOC
150
150
32
1.4
GND (SDR)
SDOA
300
300
128
1.0
Notes: Conversion Period (SDR) = tCNV_MIN + tCONV_MAX + (128/(Lanes • fSCK))
Conversion Period (DDR) = tCNV_MIN + tCONV_MAX + (64/(Lanes • fSCK))
Conversion Frequency = 1/Conversion Period
SCK Cycles (SDR) = 128/Lanes
SCK Cycles (DDR) = 64/Lanes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com