Electronic Components Datasheet Search
  English  ▼

X  

1700 Datasheet(PDF) 2 Page - 3M Electronics

Part # 1700
Description  3M Temflex Vinyl Electrical Tape 1700
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1700 Datasheet(HTML) 2 Page - 3M Electronics

  1700 Datasheet HTML 1Page - 3M Electronics 1700 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M™Temflex™ Vinyl Electrical Tape 1700
2 of 2
3M and Temflex are trademarks of 3M Company.
3
Typical Data/
Physical Properties
Not for specifications. Values are typical, not to be considered minimum or maximum.
Properties measured at room temperature 73°F (~23°C) unless otherwise stated.
Physical Properties (Test Method)
*ASTM D1000
Typical Value
US units (metric)
Thickness*
7 mils (0,18 mm)
Adhesion*
To Steel
To Backing
22 oz/in (2,4 N/cm)
22 oz/in (2,4 N/cm)
Operating Temperature
UL 510
CSA 2.22
80°C (176°F)
80°C (176°F)
Breaking Strength*
17 lbs/in (30 N/cm)
Elongation*
200%
Flammability (UL 510)
Pass
Electrical Properties (Test Method)
*ASTM D1000
Typical Value
US units (metric)
Dielectric Strength*
Standard Condition
After Humidity Condition
>1000 V/mil (39.4kV/mm)
>90% of Standard
Insulation Resistance*
10
6 Megohms
Shelf Life & Storage
3M Temflex Electrical Tape 1700 has a 5-year shelf life (from date of manufacture) when
stored in a humidity controlled storage (10°C /50°F to 27°C /80°F and less than 75%
relative humidity).
Availability
Temflex Electrical Tape 1700 is available from your local 3M authorized electrical
distributor in the following standard roll size: ¾ in. x 60 ft. Other lengths and widths
available by special order.
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on information believed to
be reliable, but the accuracy or completeness is not guaranteed. Before using this product, you must evaluate it and
determine if it is suitable for your intended application. You assume all risks and liability associated with such use. Any
statements related to the product, which are not contained in 3M’s current publications, or any contrary statements
contained on your purchase order, shall have no force or effect unless expressly agreed upon, in writing, by an authorized
officer of 3M.
Warranty; Limited
Remedy; Limited
Liability
This product will be free from defects in material and manufacture at the time of purchase. 3M MAKES NO
OTHER WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the
warranty period stated above, your exclusive remedy shall be, at 3M’s option, to replace or repair the 3M
product or refund the purchase price of the 3M product. Except where prohibited by law, 3M will not be
liable for any indirect, special, incidental or consequential loss or damage arising from this 3M
product, regardless of the legal theory asserted.
Electrical Markets Division
6801 River Place Blvd.
Austin, TX 78726-9000
800.245.3573
FAX: 800.245.0329
www.3M.com/electrical
Please recycle
© 3M 2011 All rights reserved
78-8141-4999-9 A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com