Electronic Components Datasheet Search
  English  ▼

X  

2510 Datasheet(PDF) 2 Page - 3M Electronics

Part # 2510
Description  Varnished Cambric Tapes 2510 and 2520
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2510 Datasheet(HTML) 2 Page - 3M Electronics

  2510 Datasheet HTML 1Page - 3M Electronics 2510 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Scotch® Varnished Cambric Tapes 2510 and 2520
2 of 2
3M and Scotch are trademarks of 3M Company.
Typical
Physical
and Electrical
Properties
Not for specifications. Values are typical, not to be considered minimum or maximum.
Properties measured at room temperature 73°F (23°C) unless otherwise stated.
Physical Properties (Test Method)
2510
2520
Color
Yellow
Yellow
Surface Finish
Dry
Dry with Adhesive
Thickness (ASTM D 374)
7 mils
8 mils
Tensile Strength (ASTM D 295)
50 ils./in.
50 ils./in.
Adhesion to Steel (ASTM D 1000)
-
13 oz./in.
Adhesion to Backing (ASTM D 1000)
-
8 oz./in.
Thermal Stability
Class A
Class A
Solvent Resistance
Excellent
Excellent
Oil Resistance
Excellent
Excellent
Electrical Properties (Test Method)
2510
2510
Dielectric strength (ASTM D 295)
800 V/mil
800 V/mil
Shelf Life &
Storage
Scotch® Varnished Cambric Tapes 2510 and 2520 have a 5-year shelf life (from date of
manufacture) when stored under the following recommended storage conditions. Store behind
present stock in a clean dry place at a temperature of 70°F and 40% to 50% relative humidity.
Proper stock rotation is recommended.
Availability
Scotch® Varnished Cambric Tapes 2510 and 2520 are available from your local 3M authorized
distributor. Available from 3M.com/electrical [Where to Buy] or call 1.800.245.3573.
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on information believed to be
reliable, but the accuracy or completeness is not guaranteed. Before using this product, you must evaluate it and determine if it
is suitable for your intended application. You assume all risks and liability associated with such use. Any statements related to
the product, which are not contained in 3M’s current publications, or any contrary statements contained on your purchase order,
shall have no force or effect unless expressly agreed upon, in writing, by an authorized officer of 3M.
Warranty;
Limited Remedy;
Limited Liability
This product will be free from defects in material and manufacture at the time of purchase. 3M MAKES NO OTHER
WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS
FOR A PARTICULAR PURPOSE. If this product is defective within the warranty period stated above, your exclusive remedy
shall be, at 3M’s option, to replace or repair the 3M product or refund the purchase price of the 3M product. Except where
prohibited by law, 3M will not be liable for any direct, indirect, special, incidental or consequential loss or damage
arising from this 3M product, regardless of the legal theory asserted.

Electrical Markets Division
6801 River Place Blvd.
Austin, TX 78726-9000
800.245.3573
FAX: 800.245.0329
www.3M.com/electrical
Please recycle
© 3M 2016 All rights reserved
78-8124-4831-0 Rev D



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com