Electronic Components Datasheet Search
  English  ▼

X  

LT5526EUF Datasheet(PDF) 13 Page - Linear Technology

Part # LT5526EUF
Description  High Linearity, Low Power Downconverting Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5526EUF Datasheet(HTML) 13 Page - Linear Technology

Back Button LT5526EUF Datasheet HTML 8Page - Linear Technology LT5526EUF Datasheet HTML 9Page - Linear Technology LT5526EUF Datasheet HTML 10Page - Linear Technology LT5526EUF Datasheet HTML 11Page - Linear Technology LT5526EUF Datasheet HTML 12Page - Linear Technology LT5526EUF Datasheet HTML 13Page - Linear Technology LT5526EUF Datasheet HTML 14Page - Linear Technology LT5526EUF Datasheet HTML 15Page - Linear Technology LT5526EUF Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT5526
5526f
APPLICATIO S I FOR ATIO
Figure 12. Typical Return Loss Performance with
a 240MHz Narrowband Bridge IF Balun (Swept IF)
Figure 13. Typical Gain and IIP3 Performance with
a 240MHz Narrowband Bridge IF Balun (Swept IF)
IF+
C12
IFOUT
50Ω
L12
L11
C11
IF–
VCC
C13
C14
L14
OPT
L13
OPT
5526 F11
Figure 11. Narrowband Bridge IF Balun
LL
RR
CC
RR
IF
L
IF
L
11
12
11
12
1
==
==
•
•
ω
ω
Inductors L13 and L14 provide a DC path between VCC
and the IF+ pin. Only one of these inductors is required.
Low cost multilayer chip inductors are adequate for L11,
L12 and L13. If L14 is used instead of L13, a larger value
is usually required, which may require the use of a wire-
wound inductor. Capacitor C13 is a DC block which can
also be used to adjust the impedance match. Capacitor
C14 is a bypass capacitor.
Typical return loss of the IF output port is plotted versus
frequency in Figure 12 for a 240MHz balun design. For this
example, L11 = L12 = 100nH, C11 = C12 = 3.9pF, L14 =
560nH and C13 = 100pF. Performance versus IF output
frequency is shown in Figure 13 in the case of a 1900MHz
RF input. These results show that the usable IF bandwidth
is greater than 60MHz, assuming tight tolerance matching
components. Contact the factory for applications assis-
tance with this circuit.
FREQUENCY (MHz)
100
–25
–20
–15
–10
–5
0
150
200
250
300
5526 F12
350
400
IF FREQUENCY (MHz)
190
10
15
20
270
5526 F13
5
0
–5
210
IIP3
GAIN
230
250
290
TA = 25°C
fRF = 1900MHz
fLO = fRF – fIF
PLO = –5dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com