Electronic Components Datasheet Search
  English  ▼

X  

LTC1407A Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1407A
Description  Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1407A Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1407A Datasheet HTML 17Page - Linear Technology LTC1407A Datasheet HTML 18Page - Linear Technology LTC1407A Datasheet HTML 19Page - Linear Technology LTC1407A Datasheet HTML 20Page - Linear Technology LTC1407A Datasheet HTML 21Page - Linear Technology LTC1407A Datasheet HTML 22Page - Linear Technology LTC1407A Datasheet HTML 23Page - Linear Technology LTC1407A Datasheet HTML 24Page - Linear Technology LTC1407A Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTC2323-16
21
232316fc
For more information www.linear.com/LTC2323-16
APPLICATIONS INFORMATION
FULL POWER MODE
1
2
3
4
4.096V
4.096V
REFOUT
RECOVERY
REFOUT1
REFOUT2
CNV
SCK
HOLD STATIC HIGH OR LOW
NAP MODE
SLEEP MODE
SDO1
SDO2
WAKE ON 1ST SCK EDGE
Z
Z
Z
Z
232316 F19
tWAKE
Figure 19. CMOS Mode SLEEP and WAKE Using SCK
1
2
3
4
5
4.096V
4.096V
REFOUT
RECOVERY
REFOUT1
REFOUT2
CNV
SCK
HOLD STATIC HIGH OR LOW
NAP MODE
SLEEP MODE
FULL POWER MODE
SDO1
SDO2
WAKE ON 5TH
CSB EDGE
Z
Z
Z
Z
Z
232316 F20
tWAKE
B15
B14
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
B13
tCONV
tACQ
SERIAL DATA BITS B[15:0] CORRESPOND TO PREVIOUS CONVERSION
CNV
SCK
CLKOUT
SDO1,2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
tCNVH
HI-Z
HI-Z
tCYC
232316 F21
tDSCKLCNVH
tDCNVSDOZ
tSCK
tSCKL
tSCKH
tDCNVSCKL
tDCNVSDOV
tDSCLKCLKOUT
tDCLKOUTSDOV
tHSDO
Figure 20. LVDS and CMOS Mode SLEEP and WAKE Using CNV
Figure 21. LTC2323-16 Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com