Electronic Components Datasheet Search
  English  ▼

X  

LTC2622 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2622
Description  Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2622 Datasheet(HTML) 3 Page - Linear Technology

  LTC2622 Datasheet HTML 1Page - Linear Technology LTC2622 Datasheet HTML 2Page - Linear Technology LTC2622 Datasheet HTML 3Page - Linear Technology LTC2622 Datasheet HTML 4Page - Linear Technology LTC2622 Datasheet HTML 5Page - Linear Technology LTC2622 Datasheet HTML 6Page - Linear Technology LTC2622 Datasheet HTML 7Page - Linear Technology LTC2622 Datasheet HTML 8Page - Linear Technology LTC2622 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTC2321-16
3
232116fc
For more information www.linear.com/LTC2321-16
DynaMic accuracy
converTer characTerisTics
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
l
16
Bits
No Missing Codes
l
16
Bits
Transition Noise
1.5
LSBRMS
INL
Integral Linearity Error
(Note 6)
l
–12
±4
12
LSB
DNL
Differential Linearity Error
l
–0.99
±0.4
0.99
LSB
BZE
Bipolar Zero-Scale Error
(Note 7)
l
–12
0
12
LSB
Bipolar Zero-Scale Error Drift
0.01
LSB/°C
FSE
Bipolar Full-Scale Error
VREFOUT1,2 = 4.096V (REFINT Grounded) (Note 7)
l
–90
±10
90
LSB
Bipolar Full-Scale Error Drift
VREFOUT1,2 = 4.096V (REFINT Grounded)
15
ppm/°C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SINAD
Signal-to-(Noise + Distortion) Ratio fIN = 500kHz, VREFOUT1,2 = 4.096V, Internal Reference
l
74
80
dB
fIN = 500kHz, VREFOUT1,2 = 5V, External Reference
80
dB
SNR
Signal-to-Noise Ratio
fIN = 500kHz, VREFOUT1,2 = 4.096V, Internal Reference
l
74
81
dB
fIN = 500kHz, VREFOUT1,2 = 5V, External Reference
81.7
dB
THD
Total Harmonic Distortion
fIN = 500kHz, VREFOUT1,2 = 4.096V, Internal Reference
l
–85
–80
dB
fIN = 500kHz, VREFOUT1,2 = 5V, External Reference
–84
dB
SFDR
Spurious Free Dynamic Range
fIN = 500kHz, VREFOUT1,2 = 4.096V, Internal Reference
l
81
88
dB
fIN = 500kHz, VREFOUT1,2 = 5V, External Reference
88
dB
–3dB Input Linear Bandwidth
10
MHz
Aperture Delay
500
ps
Aperture Delay Matching
500
ps
Aperture Jitter
1
psRMS
Transient Response
Full-Scale Step
3
ns
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 4).
The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C and AIN = –1dBFS (Notes 4, 8).
inTernal reFerence characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREFOUT1,2 Internal Reference Output Voltage
4.75V < VDD < 5.25V
3.13V < VDD < 3.47V
l
l
4.088
2.044
4.096
2.048
4.106
2.053
V
V
VREFOUT1,2 Temperature Coefficient
(Note 14)
l
3
20
ppm/°C
REFOUT1,2 Output Impedance
0.25
Ω
VREFOUT1,2 Line Regulation
VDD = 4.75V to 5.25V
0.3
mV/V
The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C (Note 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com