Electronic Components Datasheet Search
  English  ▼

X  

LTC2622 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2622
Description  Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2622 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2622 Datasheet HTML 18Page - Linear Technology LTC2622 Datasheet HTML 19Page - Linear Technology LTC2622 Datasheet HTML 20Page - Linear Technology LTC2622 Datasheet HTML 21Page - Linear Technology LTC2622 Datasheet HTML 22Page - Linear Technology LTC2622 Datasheet HTML 23Page - Linear Technology LTC2622 Datasheet HTML 24Page - Linear Technology LTC2622 Datasheet HTML 25Page - Linear Technology LTC2622 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LTC2323-16
22
232316fc
For more information www.linear.com/LTC2323-16
APPLICATIONS INFORMATION
Figure 22. LTC2323 Using the LVDS Interface
DIGITAL INTERFACE
The LTC2323-16 features a serial digital interface that
is simple and straight forward to use. The flexible OVDD
supply allows the LTC2323-16 to communicate with any
digital logic operating between 1.8V and 2.5V. A 105MHz
external clock must be applied at the SCK pin to achieve
5Msps throughput.
In addition to a standard CMOS SPI interface, the
LTC2323-16 provides an optional LVDS SPI interface to
support low noise digital design. The CMOS/LVDS pin is
used to select the digital interface mode.
The falling edge of SCK outputs the conversion result MSB
first on the SDO pins. CLKOUT provides a skew-matched
clock to latch the SDO output at the receiver. The timing
skew of the CLKOUT and SDO outputs are matched. For
high throughput applications, using CLKOUT instead of
SCK to capture the SDO output eases timing requirements
at the receiver.
In CMOS mode, use the SDO1+, SDO2+ and CLKOUT+
pins as outputs. Use the SCK+ pin as an input. Do not
connect the SDO1–, SDO2–, SCK– and CLKOUT– pins,
as they each have internal pull-down circuitry to OGND.
In LVDS mode, use the SDO1+/SDO1–, SDO2+/SDO2– and
CLKOUT+/CLKOUT– pins as differential outputs. These
pins must be differentially terminated by an external 100Ω
resistor at the receiver (FPGA). The SCK+/SCK– pins are
differential inputs and must be terminated differentially by
an external 100Ω resistor at the receiver (ADC).
2.5V
2.5V
OVDD
LTC2323-16
FPGA OR DSP
232316 F22
SDO2+
SDO2–
SCK+
SCK–
CLKOUT+
CLKOUT–
SDO1+
SDO1–
CNV
CMOS/LVDS
+
–
100
+
–
100
+
–
100
+
–
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com