Electronic Components Datasheet Search
  English  ▼

X  

LTC6655 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6655
Description  Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6655 Datasheet(HTML) 2 Page - Linear Technology

  LTC6655 Datasheet HTML 1Page - Linear Technology LTC6655 Datasheet HTML 2Page - Linear Technology LTC6655 Datasheet HTML 3Page - Linear Technology LTC6655 Datasheet HTML 4Page - Linear Technology LTC6655 Datasheet HTML 5Page - Linear Technology LTC6655 Datasheet HTML 6Page - Linear Technology LTC6655 Datasheet HTML 7Page - Linear Technology LTC6655 Datasheet HTML 8Page - Linear Technology LTC6655 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTC2321-16
2
232116fc
For more information www.linear.com/2321-16
pin conFiguraTion
absoluTe MaxiMuM raTings
Supply Voltage (VDD)..................................................6V
Supply Voltage (OVDD)................................................3V
Supply Bypass Voltage (VBYP1, VBYP2) .......................3V
Analog Input Voltage
AIN+, AIN– (Note 3)................... –0.3V to (VDD + 0.3V)
REFOUT1,2 ............................. .–0.3V to (VDD + 0.3V)
CNV (Note 15).......................... –0.3V to (VDD + 0.3V)
Digital Input Voltage
(Note 3).......................... (GND – 0.3V) to (OVDD + 0.3V)
Digital Output Voltage
(Note 3).......................... (GND – 0.3V) to (OVDD + 0.3V)
Power Dissipation ...............................................200mW
Operating Temperature Range
LTC2321C ................................................ 0°C to 70°C
LTC2321I..............................................–40°C to 85°C
LTC2321H .......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 2)
9 10
TOP VIEW
UFD PACKAGE
28-LEAD (4mm
× 5mm) PLASTIC QFN
29
GND
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
VDD
AIN2+
AIN2–
GND
GND
AIN1–
AIN1+
VDD
SCK–
SCK+
SDO2–
SDO2+
CLKOUT–
CLKOUT+
SDO1–
SDO1+
7
17
18
19
20
21
22
16
8
15
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2321CUFD-16#PBF
LTC2321CUFD-16#TRPBF
23216
28-Lead (4mm × 5mm) Plastic QFN
0°C to 70°C
LTC2321IUFD-16#PBF
LTC2321IUFD-16#TRPBF
23216
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 85°C
LTC2321HUFD-16#PBF
LTC2321HUFD-16#TRPBF
23216
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
elecTrical characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN+
Absolute Input Range (AIN1+, AIN2+)
(Note 5)
l
0
VDD
V
VIN–
Absolute Input Range (AIN1–, AIN2–)
(Note 5)
l
0
VDD
V
VIN+ – VIN– Input Differential Voltage Range
VIN = VIN+ – VIN–
l
–REFOUT1,2
REFOUT1,2
V
VCM
Common Mode Input Range
VIN = (VIN+ – VIN–)/2
l
0
VDD
V
IIN
Analog Input DC Leakage Current
l
–1
1
µA
CIN
Analog Input Capacitance
10
pF
CMRR
Input Common Mode Rejection Ratio
fIN = 500kHz
85
dB
IREFOUT
External Reference Current
REFINT = 0V, REFOUT = 4.096V
310
µA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 4).
http://www.linear.com/product/LTC2321-16#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com