Electronic Components Datasheet Search
  English  ▼

X  

LT1469-2 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1469-2
Description  Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1469-2 Datasheet(HTML) 4 Page - Linear Technology

  LT1469-2 Datasheet HTML 1Page - Linear Technology LT1469-2 Datasheet HTML 2Page - Linear Technology LT1469-2 Datasheet HTML 3Page - Linear Technology LT1469-2 Datasheet HTML 4Page - Linear Technology LT1469-2 Datasheet HTML 5Page - Linear Technology LT1469-2 Datasheet HTML 6Page - Linear Technology LT1469-2 Datasheet HTML 7Page - Linear Technology LT1469-2 Datasheet HTML 8Page - Linear Technology LT1469-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2645
4
2645fa
For more information www.linear.com/LTC2645
elecTrical characTerisTics
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
DAC Output Span
External Reference
Internal Reference
0 to VREF
0 to 2.5
V
V
PSR
Power Supply Rejection
VCC = 3V ±10% or 5V ±10%
–80
dB
ISC
Short Circuit Output Current (Note 5)
Sinking
Sourcing
VFS = VCC = 5.5V
Zero-Scale; VOUT Shorted to VCC
Full-Scale; VOUT Shorted to GND
l
l
27
–28
48
–48
mA
mA
Power Supply
VCC
Positive Supply Voltage
For Specified Performance
l
2.7
5.5
V
IOVCC
Digital Input Supply Voltage
For Specified Performance
l
1.71
5.5
ICC
Supply Current (Note 6)
VCC = 3V, Internal Reference
VCC = 5V, Internal Reference
l
l
4
6.4
5
8
mA
mA
ICC(IOVCC) Supply Current, IOVCC (Note 6)
IOVCC = 5V
l
25
50
µA
ISD
Supply Current in Power-Down Mode (Note 6)
VCC = 5V, PD = 0V
l
0.5
5
µA
ISD(IOVCC) Supply Current in Power-Down Mode, IOVCC
(Note 6)
IOVCC = 5V, PD = 0V
l
0.5
5
µA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VOUT unloaded unless otherwise specified.
SYMBOL PARAMETER
CONDITIONS
LTC2645-L8
LTC2645-L10
LTC2645-L12
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
DC Performance
Resolution
l
8
10
12
Bits
Monotonicity
VCC = 3V, Internal Ref. (Note 3)
l
8
10
12
Bits
DNL
Differential
Nonlinearity
VCC = 3V, Internal Ref. (Note 3)
l
±0.5
±0.5
±1
LSB
INL
Integral Nonlinearity VCC = 3V, Internal Ref. (Note 3)
l
±0.05 ±0.5
±0.2
±1
±1
±2.5
LSB
ZSE
Zero-Scale Error
VCC = 3V, Internal Ref., Code = 0 l
0.5
5
0.5
5
0.5
5
mV
VOS
Offset Error
VCC = 3V, Internal Ref. (Note 4)
l
±0.5
±5
±0.5
±5
±0.5
±5
mV
VOSTC
VOS Temperature
Coefficient
VCC = 3V, Internal Ref. (Note 9)
±10
±10
±10
µV/°C
GE
Gain Error
VCC = 3V, Internal Ref.
l
±0.2
±0.8
±0.2
±0.8
±0.2
±0.8
%FSR
GETC
Gain Temperature
Coefficient
VCC = 3V, Internal Ref. (Note 9)
C-grade
I-grade
H-grade
10
10
10
10
10
10
10
10
10
ppm/°C
ppm/°C
ppm/°C
Load Regulation
Internal Ref., Mid-Scale,
VCC = 3V ±10%,
–5mA ≤ IOUT ≤ 5mA
l
0.009 0.016
0.035 0.064
0.14 0.256 LSB/mA
VCC = 5V ±10%,
–10mA ≤ IOUT ≤ 10mA
l
0.009 0.016
0.035 0.064
0.14 0.256 LSB/mA
ROUT
DC Output
Impedance
Internal Ref., Mid-Scale,
VCC = 3V ±10%,
–5mA ≤ IOUT ≤ 5mA
l
0.09 0.156
0.09 0.156
0.09 0.156
Ω
VCC = 5V ±10%,
–10mA ≤ IOUT ≤ 10mA
l
0.09 0.156
0.09 0.156
0.09 0.156
Ω
LTC2645-L12/-L10/-L8 (VFS = 2.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com