Electronic Components Datasheet Search
  English  ▼

X  

LT6200 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6200
Description  Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6200 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6200 Datasheet HTML 5Page - Linear Technology LT6200 Datasheet HTML 6Page - Linear Technology LT6200 Datasheet HTML 7Page - Linear Technology LT6200 Datasheet HTML 8Page - Linear Technology LT6200 Datasheet HTML 9Page - Linear Technology LT6200 Datasheet HTML 10Page - Linear Technology LT6200 Datasheet HTML 11Page - Linear Technology LT6200 Datasheet HTML 12Page - Linear Technology LT6200 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LTC2323-16
9
232316fc
For more information www.linear.com/LTC2323-16
PIN FUNCTIONS
VBYP2 (Pin 24): Bypass this internally supplied pin to
ground with a 1µF ceramic capacitor. The nominal output
voltage on this pin is 1.6V
CMOS/LVDS (Pin 25): I/O Mode Select. Ground this pin
to enable CMOS mode, tie to OVDD to enable LVDS mode.
Float this pin to enable low power LVDS mode.
REFOUT2 (Pin 26): Reference Buffer 2 Output. An onboard
buffer nominally outputs 4.096V to this pin. This pin is
referred to REFRTN2 and should be decoupled closely to
the pin (no vias) with a 0.1µF (X7R, 0402 size) capacitor
and a 10μF (X5R, 0805 size) ceramic capacitor in paral-
lel. The internal buffer driving this pin may be disabled
by grounding the REFINT pin. If the buffer is disabled,
an external reference may drive this pin in the range of
1.25V to VDD.
REFRTN2 (Pin 27): Reference Buffer 2 Output Return.
Bypass REFRTN2 to REFOUT2. Do not tie the REFRTN2
pin to the ground plane.
REFINT (Pin 28): Reference Buffer Output Enable. Tie to
VDD when using the internal reference. Tie to ground to
disable the internal REFOUT1 and REFOUT2 buffers for
use with external voltage references. This pin has a 500k
internal pull-up to VDD.
Exposed Pad (Pin 29): Ground. Solder this pad to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com