Electronic Components Datasheet Search
  English  ▼

X  

LTC2668 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2668
Description  Quad 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2668 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2668 Datasheet HTML 18Page - Linear Technology LTC2668 Datasheet HTML 19Page - Linear Technology LTC2668 Datasheet HTML 20Page - Linear Technology LTC2668 Datasheet HTML 21Page - Linear Technology LTC2668 Datasheet HTML 22Page - Linear Technology LTC2668 Datasheet HTML 23Page - Linear Technology LTC2668 Datasheet HTML 24Page - Linear Technology LTC2668 Datasheet HTML 25Page - Linear Technology LTC2668 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTC2664
22
2664fa
For more information www.linear.com/LTC2664
operation
A, while channels whose toggle select bits are 1 update
from input register B (see Figure 8). By alternating toggle-
select and update operations, up to four channels can be
simultaneously switched to A or B as needed.
Daisy-Chain Operation
The serial output of the shift register appears at the SDO
pin. Data transferred to the device from the SDI input is
delayed 32 SCK rising edges before being output at the
next SCK falling edge, suitable for clocking into the mi-
croprocessor on the next 32 SCK rising edges.
The SDO output can be used to facilitate control of multiple
serial devices from a single 3-wire serial port (i.e., SCK,
SDI and CS/LD). Such a daisy-chain series is configured
by connecting the SDO of each upstream device to the SDI
of the next device in the chain. The shift registers of the
devices are thus connected in series, effectively forming a
single input shift register which extends through the entire
chain. Because of this, the devices can be addressed and
controlled individually by simply concatenating their input
words; the first instruction addresses the last device in
the chain and so forth. The SCK and CS/LD signals are
common to all devices in the series.
In use, CS/LD is first taken low. Then, the concatenated
input data is transferred to the chain, using SDI of the
first device as the data input. When the data transfer is
complete, CS/LD is taken high, completing the instruction
sequence for all devices simultaneously. A single device
can be controlled by using the
No-Operation command
(1111) for all other devices in the chain.
When CS/LD is taken high, the SDO pin presents a high
impedance output, so a pull-up resistor is required at
the SDO of each device (except the last) for daisy-chain
operation.
Echo Readback
The SDO pin can be used to verify data transfer to the
device. During each 32-bit instruction cycle, SDO outputs
the previous 32-bit instruction for verification.
When CS/LD is high, SDO presents a high impedance
output, releasing the bus for use by other SPI devices.
Power-Down Mode
For power-constrained applications, power-down mode
can be used to reduce the supply current whenever less
than four DAC outputs are needed. When in power-down,
the output amplifiers and reference buffers are disabled.
The DAC outputs are put into a high impedance state, and
the output pins are passively pulled to ground through
individual 42k (minimum) resistors. Register contents
are not disturbed during power-down.
Any channel or combination of channels can be put into
power-down mode by using command 0100b in combina-
tion with the appropriate DAC address. In addition, all the
DACchannelsandtheintegratedreferencetogethercanbe
put into power-down mode using the
Power-Down Chip
command, 0101b. The 16-bit data word is ignored for all
power-down commands.
Normal operation resumes by executing any command
which includes a DAC update—either in software, as
shown in Table 1, by taking the asynchronous LDAC pin
low, or by toggling (see the Types of Toggle Operations
section). The selected DAC is powered up as its voltage
output is updated. When updating a powered-down DAC,
add wait time to accommodate the extra power-up delay. If
the channels have been powered down (command 0100b)
prior to the update command, the power-up delay time is
30μs. If, on the other hand, the chip has been powered
down(command0101b),thepower-updelaytimeis35μs.
Asynchronous DAC Update Using LDAC
In addition to the update commands shown in Table 1, the
asynchronous, active-low LDAC pin updates all four DAC
registers with the contents of the input registers.
If CS/LD is high, a low on the LDAC pin causes all DAC
registers to be updated with the contents of the input
registers.
If CS/LD is low, a low-going pulse on the LDAC pin be-
fore the rising edge of CS/LD powers up all DAC outputs,
but does not cause the outputs to be updated. If LDAC
remains low after the rising edge of CS/LD, then LDAC is
recognized, the command specified in the 24-bit word is
executed and the DAC outputs are updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com